Electronic Components Datasheet Search
  English  ▼

X  

TDA8591 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8591
Description  4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8591 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8591 Datasheet HTML 1Page - NXP Semiconductors TDA8591 Datasheet HTML 2Page - NXP Semiconductors TDA8591 Datasheet HTML 3Page - NXP Semiconductors TDA8591 Datasheet HTML 4Page - NXP Semiconductors TDA8591 Datasheet HTML 5Page - NXP Semiconductors TDA8591 Datasheet HTML 6Page - NXP Semiconductors TDA8591 Datasheet HTML 7Page - NXP Semiconductors TDA8591 Datasheet HTML 8Page - NXP Semiconductors TDA8591 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2002 Jan 14
2
Philips Semiconductors
Preliminary specification
4
× 44 W into 4 Ω or 4 × 75 W into 2 Ω
quad BTL car radio power amplifier
TDA8591J
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
ORDERING INFORMATION
4
QUICK REFERENCE DATA
5
BLOCK DIAGRAM
6
PINNING
7
FUNCTIONAL DESCRIPTION
7.1
Diagnostic facility
7.2
Diagnostic output (DIAG)
7.3
Mute timer and single-pin mute control
7.4
Output power
8
LIMITING VALUES
9
THERMAL CHARACTERISTICS
10
QUALITY SPECIFICATION
11
DC CHARACTERISTICS
12
AC CHARACTERISTICS
12.1
Performance curves
13
TEST INFORMATION
13.1
Protection circuit testing
14
APPLICATION INFORMATION
14.1
Special attention for SMD input capacitors
14.2
Capacitors on outputs
14.3
EMC precautions
14.4
Offset detection
14.5
Channel selection
14.6
Detection of short-circuits
14.7
PCB layout
14.8
PCB design advice
15
PACKAGE OUTLINE
16
SOLDERING
16.1
Introduction to soldering through-hole mount
packages
16.2
Soldering by dipping or by solder wave
16.3
Manual soldering
16.4
Suitability of through-hole mount IC packages
for dipping and wave soldering methods
17
DATA SHEET STATUS
18
DEFINITIONS
19
DISCLAIMERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com