Electronic Components Datasheet Search
  English  ▼

X  

TDA8591 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8591
Description  4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8591 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8591 Datasheet HTML 1Page - NXP Semiconductors TDA8591 Datasheet HTML 2Page - NXP Semiconductors TDA8591 Datasheet HTML 3Page - NXP Semiconductors TDA8591 Datasheet HTML 4Page - NXP Semiconductors TDA8591 Datasheet HTML 5Page - NXP Semiconductors TDA8591 Datasheet HTML 6Page - NXP Semiconductors TDA8591 Datasheet HTML 7Page - NXP Semiconductors TDA8591 Datasheet HTML 8Page - NXP Semiconductors TDA8591 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
2002 Jan 14
4
Philips Semiconductors
Preliminary specification
4
× 44 W into 4 Ω or 4 × 75 W into 2 Ω
quad BTL car radio power amplifier
TDA8591J
4
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
8.0
14.4
18.0
V
Iq(tot)
total quiescent current
120
200
290
mA
Istb
standby supply current
−
250
µA
Z
i
input impedance
−
70
−
k
Ω
Po
output power
THD+N= 0.5%
RL =4 Ω
19
22
−
W
RL =2 Ω−
34
−
W
THD+N=10%
RL =4 Ω
27
28
−
W
RL =2 Ω−
47
−
W
EAIJ values
RL =4 Ω
41.5
44
−
W
RL =2 Ω−
75
−
W
V
OO
output offset voltage
mute mode
−−
30
mV
DC operating mode
−−
60
mV
Gv
voltage gain
Vi = 40 mV (RMS)
25
26
27
dB
THD + N
total harmonic distortion
plus noise
Po = 1 W; f = 1 kHz; RL =4 Ω−
0.03
0.1
%
α
cs
channel separation
Vi = 40 mV (RMS); Rs =0 Ω
56
68
−
dB
Vn(o)
noise output voltage
Rs =0 Ω; see Fig.29
−
70
−µV
SVRR
supply voltage ripple
rejection
Vripple = 2 V (p-p); mute or
operating mode; Rs =0 Ω;
see Fig.29
54
68
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com