Electronic Components Datasheet Search
  English  ▼

X  

CW01 Datasheet(PDF) 3 Page - Supertex, Inc

Part # CW01
Description  Four-Channel, Low Phase Noise, Low Power, Continuous Wave Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CW01 Datasheet(HTML) 3 Page - Supertex, Inc

  CW01 Datasheet HTML 1Page - Supertex, Inc CW01 Datasheet HTML 2Page - Supertex, Inc CW01 Datasheet HTML 3Page - Supertex, Inc CW01 Datasheet HTML 4Page - Supertex, Inc CW01 Datasheet HTML 5Page - Supertex, Inc CW01 Datasheet HTML 6Page - Supertex, Inc CW01 Datasheet HTML 7Page - Supertex, Inc CW01 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
CW01
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Symbol
Parameter
Min
Typ
Max Unit
Test Conditions
HV
OUT
High voltage output
0
-
100
V
---
V
DD
V
DD voltage range
4.5
5.0
5.5
V
---
t
VDD-ON
V
DD rise time
50
-
-
µs
---
V
LL
V
LL voltage range
1.65
2.5
5.5
V
---
t
VLL-ON
V
LL rise time
50
-
-
µs
---
V
DIN
Logic input voltage range
0
-
V
LL
V
---
V
DX
Gate drive voltage
4.5
5.0
5.5
V
---
t
VDX-ON
V
DX rise time
50
-
-
µs
---
I
DDQ
V
DD quiescent current
-
63
100
µA
---
I
DD
V
DD average current
-
23.5
30
mA
f
CLK = 200MHz, fOUT = 5.0MHz,
all 4-ch active
I
LLQ
V
LL quiescent current
-
8.1
20
µA
---
I
LL
V
LL average current
-
380
600
µA
f
CLK = 200MHz, fOUT = 5.0MHz,
all 4-ch active
I
DXQ
V
DX quiescent current
-
0
1.0
µA
---
I
DX
V
DX average current
-
11.3
30
mA
f
CLK = 200MHz, fOUT = 5.0MHz,
all 4-ch active
V
IH
Input logic high voltage
0.8V
LL
-
V
LL
V
---
V
IL
Input logic low voltage
0
-
0.2V
LL
V
---
I
IH
Input logic high current
-
-
1.0
µA
---
I
IL
Input logic high current
-1.0
-
-
µA
---
R
ON
Output on resistance
-
4.7
7.0
Ω
I
IN = 100mA
I
SAT
Output saturation current
-
0.8
-
A
V
DD = HVOUT = 5.0V
I
HVleak
High voltage output leakage
-
-
10
µA
HV
OUT = 100V
UVLO_V
LL
UVLO trip point for V
LL
-
1.5
-
V
---
UVLO_V
DD
UVLO trip point for V
DD
-
4.0
-
V
---
T
J
Operating junction temperature
-40
-
+125
°C
---
DC Electrical Characteristics
(V
DD = VDX =5.0V, VLL = 2.5V, TJ = 25ºC unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com