Electronic Components Datasheet Search
  English  ▼

X  

CW01 Datasheet(PDF) 6 Page - Supertex, Inc

Part # CW01
Description  Four-Channel, Low Phase Noise, Low Power, Continuous Wave Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CW01 Datasheet(HTML) 6 Page - Supertex, Inc

  CW01 Datasheet HTML 1Page - Supertex, Inc CW01 Datasheet HTML 2Page - Supertex, Inc CW01 Datasheet HTML 3Page - Supertex, Inc CW01 Datasheet HTML 4Page - Supertex, Inc CW01 Datasheet HTML 5Page - Supertex, Inc CW01 Datasheet HTML 6Page - Supertex, Inc CW01 Datasheet HTML 7Page - Supertex, Inc CW01 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
CW01
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Test Circuits
AC Timing
Phase Noise
HV
OUT1
PGND1
HV
OUT
Translator
and Driver
V
D1
V
LL
0.1µF
8.0V
0.1µF
0.1µF
5.0V
2.5V
DIN
CLK
VD1
VDD
OE
VLL
D
IN1
CLK
VSS
D
IN1
Q1
CLK
50
(one of four channels)
HV
OUT1
(one of four channels)
PGND1
HV
OUT
Translator
and Driver
V
D1
V
LL
0.1µF
50
50
0.1µF
390µH
3.0V
0.1µF
0.1µF
5.0V
2.5V
2.0MHz
80MHz
VD1
VDD
OE
VLL
D
IN1
CLK
VSS
D
IN1
Q1
CLK
Typical Performance Curve (Test conditions: V
LL = 2.5V, VDD = 5.0V, VD1 = VD2 = VD3 = VD4 = 5.0V, no load)
I
DD vs DIN Frequency
30
25
20
15
10
5
0
05
10
15
20
25
Data In Frequency (MHz)
f
CLK = 200MHz
f
CLK = 100MHz
f
CLK = 50MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com