Electronic Components Datasheet Search
  English  ▼

X  

AT9919 Datasheet(PDF) 3 Page - Supertex, Inc

Part # AT9919
Description  Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AT9919 Datasheet(HTML) 3 Page - Supertex, Inc

  AT9919 Datasheet HTML 1Page - Supertex, Inc AT9919 Datasheet HTML 2Page - Supertex, Inc AT9919 Datasheet HTML 3Page - Supertex, Inc AT9919 Datasheet HTML 4Page - Supertex, Inc AT9919 Datasheet HTML 5Page - Supertex, Inc AT9919 Datasheet HTML 6Page - Supertex, Inc AT9919 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
AT9919
Supertex inc.
www.supertex.com
Doc.# DSFP-AT9919
A061212
Sym
Description
Min
Typ
Max
Units Conditions
Sense Comparator
V
CS(HI)
Sense voltage threshold high
198
230
257
mV
(V
IN - VCS) rising
V
CS(LO)
Sense voltage threshold low
147
170
195
mV
(V
IN - VCS) falling
V
CS(AVG)
Average reference voltage
186
200
214
mV
V
CS(AVG) = 0.5VCS(HI) + 0.5VCS(LO)
t
DPDH
Propagation delay to output high
-
70
-
ns
Falling edge of
(V
IN - VCS) = VRS(LO) - 70mV
t
DPDL
Propagation delay to output low
-
70
-
ns
Rising edge of
(V
IN - VCS) = VRS(HI) + 70mV
I
CS
Current-sense input current
-
-
1.0
µA
(V
IN - VCS) = 200mV
V
CS(HYS)
Current-sense threshold hysteresis
-
56
80
mV
---
DIM Input
V
IH
Pin DIM input high voltage
2.2
-
-
V
---
V
IL
Pin DIM input low voltage
-
-
0.7
V
---
t
ON
Turn-on time
-
100
-
ns
DIM rising edge to
V
GATE = 0.5 x VDD, CGATE = 2.0nF
t
OFF
Turn-off time
-
100
-
ns
DIM falling edge to
V
GATE = 0.5 x VDD, CGATE =2.0nF
Gate Driver
I
GATE
GATE current, source†
0.3
0.5
-
A
V
GATE = GND
GATE current, sink†
0.7
1.0
-
A
V
GATE = VDD
T
RISE
GATE output rise time
-
40
55
ns
C
GATE= 2.0nF
T
FALL
GATE output fall time
-
17
25
ns
C
GATE= 2.0nF
V
GATE(HI)
GATE high output voltage
V
DD -0.5
-
-
V
I
GATE = 10mA
V
GATE(LO)
GATE low output voltage
-
-
0.5
V
I
GATE = -10mA
Over-Temperature Protection
T
OT
Over temperature trip limit†
128
140
-
ºC
---
∆T
HYST
Temperature hysteresis†
-
60
-
ºC
---
Analog Control of PWM Dimming
f
RAMP
Dimming frequency
130
-
300
Hz
C
RAMP = 47nF
550
-
1250
C
RAMP = 10nF
V
LOW
RAMP threshold, Low
-
0.1
-
V
---
V
HiGH
RAMP threshold, High
1.8
-
2.1
V
---
V
OS
ADIM offset voltage
-35
-
+35
mV
---
* Guaranteed by design and characterization, 100% tested at T
A = 25
O
C. Typical characteristics are given at T
A = 25
O
C.
† Guaranteed by design and characterization.
Electrical Characteristics
(V
IN = 12V, VDIM = VDD, VRAMP = GND, CVDD = 1.0µF, RCS = 0.5Ω, TA = TJ = -40
O
C to +125OC* unless otherwise noted)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com