Electronic Components Datasheet Search
  English  ▼

X  

AT9919 Datasheet(PDF) 4 Page - Supertex, Inc

Part # AT9919
Description  Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AT9919 Datasheet(HTML) 4 Page - Supertex, Inc

  AT9919 Datasheet HTML 1Page - Supertex, Inc AT9919 Datasheet HTML 2Page - Supertex, Inc AT9919 Datasheet HTML 3Page - Supertex, Inc AT9919 Datasheet HTML 4Page - Supertex, Inc AT9919 Datasheet HTML 5Page - Supertex, Inc AT9919 Datasheet HTML 6Page - Supertex, Inc AT9919 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
AT9919
Supertex inc.
www.supertex.com
Doc.# DSFP-AT9919
A061212
Application Information
Block Diagram
CURRENT
SENSE
COMPARATOR
UVLO
COMPARATOR
GATE
DRIVER
VIN
VDD
CS
RAMP
ADIM
GND
DIM
GATE
AT9919
PWM RAMP
0.1~1.9V
-
+
+
-
BANDGAP
REF
+
-
REGULATOR
General Description
The AT9919 is a step-down, constant current, high-bright-
ness LED (HB LED) driver. The device operates from a 4.5
to 40V input voltage range and provides the gate drive out-
put to an external N-channel MOSFET. A high-side current
sense resistor sets the output current and a dedicated PWM
dimming input (DIM) allows for a wide range of diming duty
ratios. The PWM dimming could also be achieved by apply-
ing a DC voltage between 0 and 2.0V to the analog dimming
input (ADIM). In this case, the dimming frequency can be
programmed using a single capacitor at the RAMP pin. The
high-side current setting and sensing scheme minimizes the
number of external components while delivering LED cur-
rent with a ±8% accuracy, using a 1% sense resistor.
Undervoltage Lockout (UVLO)
The AT9919 includes a 3.7V under-voltage lockout (UVLO)
with 500mV hysteresis. When V
IN falls below 3.7V, GATE
goes low, turning off the external n-channel MOSFET. GATE
goes high once V
IN is 4.5V or higher.
5.0V Regulator
VDD is the output of a 5.0V regulator capable of sourcing
8.0mA. Bypass VDD to GND with a 1.0μF capacitor.
DIM Input
The AT9919 allows dimming with a PWM signal at the DIM
input. A logic level below 0.7V at DIM forces the GATE
OUTPUT
low, turning off the LED current. To turn the LED current on,
the logic level at DIM must be at least 2.2V.
ADIM and RAMP Inputs
The PWM dimming scheme can be also implemented by ap-
plying an analog control signal to ADIM pin. If an analog con-
trol signal of 0~2.0V is applied to ADIM, the device compares
this analog input to a voltage ramp to pulse-width-modulate
the LED current. Connecting an external capacitor to RAMP
programs the PWM dimming ramp frequency.
f
PWM =
1
C
RAMP • 120kΩ
DIM and ADIM inputs can be used simultaneously. In such
case, f
PWM(MAX) must be selected lower than the frequency of
the dimming signal at DIM. The smaller dimming duty cycle
of ADIM and DIM will determine the GATE signal.
When the analog control of PWM dimming feature is not
used, RAMP must be wired to GND, and ADIM should be
connected to VDD.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com