Electronic Components Datasheet Search
  English  ▼

X  

LP2954 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP2954
Description  5-V and Adjustable Micropower LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2954 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP2954 Datasheet HTML 8Page - Texas Instruments LP2954 Datasheet HTML 9Page - Texas Instruments LP2954 Datasheet HTML 10Page - Texas Instruments LP2954 Datasheet HTML 11Page - Texas Instruments LP2954 Datasheet HTML 12Page - Texas Instruments LP2954 Datasheet HTML 13Page - Texas Instruments LP2954 Datasheet HTML 14Page - Texas Instruments LP2954 Datasheet HTML 15Page - Texas Instruments LP2954 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
LP2954, LP2954A
SNVS096E – JUNE 1999 – REVISED JULY 2016
www.ti.com
Product Folder Links: LP2954 LP2954A
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.4 Reducing Output Noise
In reference applications it may be advantageous to reduce the AC noise present on the output. One method is
to reduce regulator bandwidth by increasing output capacitance. This is relatively inefficient, because large
increases in capacitance are required to get significant improvement.
Noise can be reduced more effectively by a bypass capacitor placed across R1 (refer to Figure 19). The formula
for selecting the capacitor to be used is:
CB = 1 / 2πR1 × 20 Hz
(1)
This gives a value of about 0.1 μF. When this is used, the output capacitor must be 6.8 μF (or greater) to
maintain stability. The 0.1-μF capacitor reduces the high frequency gain of the circuit to unity, lowering the output
noise from 260 μV to 80 μV using a 10-Hz to 100-kHz bandwidth. Also, noise is no longer proportional to the
output voltage, so improvements are more pronounced at high output voltages.
7.4 Device Functional Modes
7.4.1 Shutdown Input
A logic-level signal shuts off the regulator output when a LOW (< 1.2 V) is applied to the SHUTDOWN input.
To prevent possible mis-operation, the SHUTDOWN input must be actively terminated. If the input is driven from
open-collector logic, a pullup resistor (TI recommends 20 kΩ to 100 kΩ) must be connected from the
SHUTDOWN input to the regulator input.
If the SHUTDOWN input is driven from a source that actively pulls high and low (like an operational amplifier),
the pullup resistor is not required, but may be used.
If the shutdown function is not to be used, the cost of the pullup resistor can be saved by simply tying the
SHUTDOWN input directly to the regulator input.
IMPORTANT: Because the Absolute Maximum Ratings state that the SHUTDOWN input cannot go more than
0.3 V below ground, the reverse-battery protection feature that protects the regulator input is sacrificed if the
SHUTDOWN input is tied directly to the regulator input.
If reverse-battery protection is required in an application, the pullup resistor between the SHUTDOWN input and
the regulator input must be used. The recommended 20 kΩ to 100 kΩ provides adequate protection of the
SHUTDOWN pin during negative voltage transitions at the IN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com