Electronic Components Datasheet Search
  English  ▼

X  

LP2954 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP2954
Description  5-V and Adjustable Micropower LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2954 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2954 Datasheet HTML 10Page - Texas Instruments LP2954 Datasheet HTML 11Page - Texas Instruments LP2954 Datasheet HTML 12Page - Texas Instruments LP2954 Datasheet HTML 13Page - Texas Instruments LP2954 Datasheet HTML 14Page - Texas Instruments LP2954 Datasheet HTML 15Page - Texas Instruments LP2954 Datasheet HTML 16Page - Texas Instruments LP2954 Datasheet HTML 17Page - Texas Instruments LP2954 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LP2954, LP2954A
SNVS096E – JUNE 1999 – REVISED JULY 2016
www.ti.com
Product Folder Links: LP2954 LP2954A
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Place a 1-μF capacitor from the IN pin to GND if there is more than 10 inches of wire between the input and the
AC filter capacitor or if a battery input is used.
Programming the output for voltages below 5 V runs the error amplifier at lower gains requiring more output
capacitance for stability. At 3.3-V output, a minimum of 4.7 μF is required. For the worst case condition of 1.23-V
output and 250 mA of load current, a 6.8-μF (or larger) capacitor must be used.
Stray capacitance to the FEEDBACK pin can cause instability. This problem is most likely to appear when using
high value external resistors to set the output voltage. Adding a 100-pF capacitor between the OUT and
FEEDBACK pins and increasing the output capacitance to 6.8 μF (or greater) solves the problem.
8.2.2.2 Minimum Load
When setting the output voltage using an external resistive divider, TI recommends a minimum current of 1 μA
through the resistors to provide a minimum load.
It should be noted that a minimum load current is specified in several of the electrical characteristic test
conditions, so this value must be used to obtain correlation on these tested limits. The part is parametrically
tested down to 100 μA, but is functional with no load.
8.2.2.3 Programming The Output Voltage
The SOIC version of the LP2954 regulator may be pin strapped for 5-V operation using its internal resistive
divider by tying the OUT and SENSE pins together and also tying the FEEDBACK and 5V TAP pins together.
Alternatively, it may be programmed for any voltage between the 1.23-V reference and the 30-V maximum rating
using an external pair of resistors (see Figure 19). The complete equation for the output voltage is:
VOUT = VREF × (1 + R1 / R2) + (IFB × R1)
(2)
where VREF is the 1.23-V reference and IFB is the FEEDBACK pin bias current (−20 nA typical). The minimum
recommended load current of 1 μA sets an upper limit of 1.2 MΩ on the value of R2 in cases where the regulator
must work with no load (see Minimum Load). IFB produces a typical 2% error in VOUT which can be eliminated at
room temperature by trimming R1. For better accuracy, choosing R2 = 100 kΩ reduces this error to 0.17% while
increasing the resistor program current to 12 μA. Because the typical quiescent current is 120 μA, this added
current is negligible.
*Drive with TTL-low to shutdown
Figure 19. Adjustable Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com