Electronic Components Datasheet Search
  English  ▼

X  

LP2960 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP2960
Description  Adjustable Micropower 0.5A Low-Dropout Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2960 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2960 Datasheet HTML 10Page - Texas Instruments LP2960 Datasheet HTML 11Page - Texas Instruments LP2960 Datasheet HTML 12Page - Texas Instruments LP2960 Datasheet HTML 13Page - Texas Instruments LP2960 Datasheet HTML 14Page - Texas Instruments LP2960 Datasheet HTML 15Page - Texas Instruments LP2960 Datasheet HTML 16Page - Texas Instruments LP2960 Datasheet HTML 17Page - Texas Instruments LP2960 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LP2960
SNVS112C – APRIL 1999 – REVISED APRIL 2013
www.ti.com
HEATSINKING
A heatsink may be required with the LP2960 depending on the maximum power dissipation and maximum
ambient temperature of the application. Under alI possible operating conditions, the junction temperature must be
within the range specified under Absolute Maximum Ratings.
To determine if a heatsink is required, the power dissipated by the regulator, PD, must be calculated.
The figure below shows the voltages and currents which are present in the circuit, as welI as the formula for
calcuIating the power dissipated in the regulator:
Figure 27. Power Dissipation Diagram
The next parameter which must be calculated is the maximum allowable temperature rise, TR (max). This is
calculated by using the formula:
TR (max) = TJ (max) − TA (max
where
•
TJ (max) is the maximum allowable junction temperature, which is 125°C for commercial grade parts
•
TA (max) is the maximum ambient temperature which will be encountered in the application)
(2)
Using the calculated values for TR (max) and PD, the maximum allowable value for the junction-to-ambient
thermal resistance,
θ(J−A), can now be found:
θ(J−A) = TR (max)/PD
(3)
The heatsink for the LP2960 is made using the PC board copper, with the heat generated on the die being
conducted through the lead frame and out to the pins which are soldered to the PC board.
The GND pins are the only ones capable of conducting any significant amount of heat, as they are internally
attached to the lead frame on which the die is mounted.
The figure below shows recommended copper foil patterns to be used for heatsinking the DIP and Surface Mount
(SOIC) packages:
Figure 28. Heat Sink Foil Patterns
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com