Electronic Components Datasheet Search
  English  ▼

X  

LP2960 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP2960
Description  Adjustable Micropower 0.5A Low-Dropout Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2960 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP2960 Datasheet HTML 13Page - Texas Instruments LP2960 Datasheet HTML 14Page - Texas Instruments LP2960 Datasheet HTML 15Page - Texas Instruments LP2960 Datasheet HTML 16Page - Texas Instruments LP2960 Datasheet HTML 17Page - Texas Instruments LP2960 Datasheet HTML 18Page - Texas Instruments LP2960 Datasheet HTML 19Page - Texas Instruments LP2960 Datasheet HTML 20Page - Texas Instruments LP2960 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LP2960
www.ti.com
SNVS112C – APRIL 1999 – REVISED APRIL 2013
*Turns ON at VIN = 5.87V
Turns OFF at VIN = 5.64V
(for component values shown)
Figure 32. 5V Regulator with Snap-ON/Snap-OFF
Feature and Hysteresis
Figure 33. 5V Regulator with Timed Power-On Reset
*RT = 1 Meg, CT = 0.1 μF
Figure 34. Timing Diagram for Timed Power-On Reset
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP2960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com