Electronic Components Datasheet Search
  English  ▼

X  

LP2967 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2967
Description  Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2967 Datasheet(HTML) 5 Page - Texas Instruments

  LP2967 Datasheet HTML 1Page - Texas Instruments LP2967 Datasheet HTML 2Page - Texas Instruments LP2967 Datasheet HTML 3Page - Texas Instruments LP2967 Datasheet HTML 4Page - Texas Instruments LP2967 Datasheet HTML 5Page - Texas Instruments LP2967 Datasheet HTML 6Page - Texas Instruments LP2967 Datasheet HTML 7Page - Texas Instruments LP2967 Datasheet HTML 8Page - Texas Instruments LP2967 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Package Outline and Connection Diagram
10114203
Top View
micro SMD
8-Bump micro SMD Package
Code: BP, TP
10114204
Top View
Mini SO-8 Package
8-Lead Small Outline Integrated Circuit (SOIC) Package
Code: MM
Pin Description
Name
Pin Number
Function
micro SMD
MSOP
V
OUT2
A1
7
Output voltage of the second LDO
SD2
B1
6
Shutdown input for the second LDO
BYPASS
C1
5
Bypass capacitor for the bandgap
GND
C2
-
Ground Substrate
GND
C3
4
Common Ground
SD1
B3
3
Shutdown input for the first LDO
V
OUT 1
A3
2
Output voltage of the first LDO
V
IN
A2
1, 8
Common input voltage for both LDOs
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com