Electronic Components Datasheet Search
  English  ▼

X  

LP2975 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2975
Description  MOSFET LDO Driver/Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2975 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2975 Datasheet HTML 7Page - Texas Instruments LP2975 Datasheet HTML 8Page - Texas Instruments LP2975 Datasheet HTML 9Page - Texas Instruments LP2975 Datasheet HTML 10Page - Texas Instruments LP2975 Datasheet HTML 11Page - Texas Instruments LP2975 Datasheet HTML 12Page - Texas Instruments LP2975 Datasheet HTML 13Page - Texas Instruments LP2975 Datasheet HTML 14Page - Texas Instruments LP2975 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
LP2975
www.ti.com
SNVS006F – SEPTEMBER 1997 – REVISED APRIL 2013
Performance Data
Dropout Voltage
Dropout voltage is defined as the minimum input-to-output differential voltage required by the regulator to keep
the output in regulation. It is measured by reducing VIN until the output voltage drops below the nominal value
(the nominal value is the output voltage measured with VIN = 5V). IL = 0.5A for this test.
DROPOUT VOLTAGE = 141 mV
Load Regulation
Load regulation is defined as the maximum change in output voltage as the load current is varied. It is measured
by changing the load resistance and recording the minimum/maximum output voltage. The measured change in
output voltage is divided by the nominal output voltage and expressed as a percentage. VIN = 3.5V for this test.
0
≤ IL ≤ 0.5A: LOAD REGULATION = 0.034%
Line Regulation
Line regulation is defined as the maximum change in output voltage as the input voltage is varied. It is measured
by changing the input voltage and recording the minimum/maximum output voltage. The measured change in
output voltage is divided by the nominal output voltage and expressed as a percentage. IL = 0.5A for this test.
3.5V
≤ VIN ≤ 6V: LINE REGULATION = 0.017%
Output Noise Voltage
Output noise voltage was measured by connecting a wideband AC voltmeter (HP 400E) directly across the
output capacitor. VIN = 5V and IL = 0.5A for this test.
NOISE = 85 µV (rms)
Transient Response
Transient response is defined as the change in output voltage which occurs after the load current is suddenly
changed. VIN = 3.5V for this test.
The load resistor is connected to the regulator output using a switch so that the load current increases from 0 to
0.5A abruptly. The change in output voltage is shown in the scope photo (the vertical scale is 20 mV/division and
the horizontal scale is 50 µs/division). The regulator nominal output (3V) is located on the center line of the
photo. A maximum change of about
−50 mV is shown.
Figure 18. Transient Response for 0–0.5A Load Step
Minimizing COUT
It is often desirable to decrease the value of COUT to save cost and reduce size. The design guidelines suggest
selecting COUT to set the first pole ≤ 200 Hz (see later section, Output Capacitor), but this is not an absolute
requirement in all cases.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP2975



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com