Electronic Components Datasheet Search
  English  ▼

X  

LP2980-N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2980-N
Description  Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2980-N Datasheet(HTML) 2 Page - Texas Instruments

  LP2980-N Datasheet HTML 1Page - Texas Instruments LP2980-N Datasheet HTML 2Page - Texas Instruments LP2980-N Datasheet HTML 3Page - Texas Instruments LP2980-N Datasheet HTML 4Page - Texas Instruments LP2980-N Datasheet HTML 5Page - Texas Instruments LP2980-N Datasheet HTML 6Page - Texas Instruments LP2980-N Datasheet HTML 7Page - Texas Instruments LP2980-N Datasheet HTML 8Page - Texas Instruments LP2980-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LP2980-N
SNOS733O – APRIL 2000 – REVISED JUNE 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 12
1
Features .................................................................. 1
8
Application and Implementation ........................ 13
2
Applications ........................................................... 1
8.1
Application Information............................................ 13
3
Description ............................................................. 1
8.2
Typical Application ................................................. 13
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 20
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 20
6
Specifications......................................................... 3
10.1
Layout Guidelines ................................................. 20
6.1
Absolute Maximum Ratings ...................................... 3
10.2
Layout Example .................................................... 20
6.2
ESD Ratings.............................................................. 4
11
Device and Documentation Support ................. 21
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support...................................................... 21
6.4
Thermal Information .................................................. 4
11.2
Community Resources.......................................... 21
6.5
Electrical Characteristics........................................... 4
11.3
Trademarks ........................................................... 21
6.6
Typical Characteristics .............................................. 6
11.4
Electrostatic Discharge Caution ............................ 21
7
Detailed Description ............................................ 11
11.5
Glossary ................................................................ 21
7.1
Overview ................................................................. 11
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 11
Information ........................................................... 21
7.3
Feature Description................................................. 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision N (December 2014) to Revision O
Page
•
Changed pin names VOUT to OUT and VIN to IN per TI nomenclature; correct typos ....................................................... 1
•
Changed format of ESD Ratings table .................................................................................................................................. 4
•
Changed "1" to "0.5" ............................................................................................................................................................. 11
•
Changed Vin to IN (name of pin).......................................................................................................................................... 13
•
Changed Vin to IN (name of pin).......................................................................................................................................... 16
•
Deleted (the TO-220 package alone will safely dissipate this) - no TO-220 package for this part ...................................... 18
Changes from Revision M (April 2013) to Revision N
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section; add updated
Thermal Information .............................................................................................................................................................. 1
Changes from Revision L (April 2013) to Revision M
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 19
2
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LP2980-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com