Electronic Components Datasheet Search
  English  ▼

X  

LP2980-N Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP2980-N
Description  Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2980-N Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2980-N Datasheet HTML 9Page - Texas Instruments LP2980-N Datasheet HTML 10Page - Texas Instruments LP2980-N Datasheet HTML 11Page - Texas Instruments LP2980-N Datasheet HTML 12Page - Texas Instruments LP2980-N Datasheet HTML 13Page - Texas Instruments LP2980-N Datasheet HTML 14Page - Texas Instruments LP2980-N Datasheet HTML 15Page - Texas Instruments LP2980-N Datasheet HTML 16Page - Texas Instruments LP2980-N Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LP2980-N
www.ti.com
SNOS733O – APRIL 2000 – REVISED JUNE 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP2980-N is a linear voltage regulator operating from 2.1 V to 16 V on the input and regulates voltages
between 2.5 V to 5 V with 0.5% accuracy and 50-mA maximum output current. Efficiency is defined by the ratio
of output voltage to input voltage because the LP2980-N is a linear voltage regulator. To achieve high efficiency,
the dropout voltage (VIN – VOUT) must be as small as possible, thus requiring a very-low-dropout LDO.
Successfully implementing an LDO in an application depends on the application requirements. If the
requirements are simply input voltage and output voltage, compliance specifications (such as internal power
dissipation or stability) must be verified to ensure a solid design. If timing, startup, noise, power supply rejection
ratio (PSRR), or any other transient specification is required, then the design becomes more challenging. This
section discusses the implementation and behavior of the LP2980-N LDO.
8.2 Typical Application
*ON/OFF input must be actively terminated. Tie to if this function is not to be used.
**Minimum output capacitance is 1
μF to ensure stability over full load current range. More capacitance provides
superior dynamic performance and additional stability margin (see Output Capacitor Recommendation).
***Do not make connections to this pin.
8.2.1 Design Requirements
PARAMETER
DESIGN REQUIREMENT
Input voltage
5 V ±10%, provided by the DC-DC converter switching at 1 MHz
Output voltage
3.3 V ±5%
Output current
50 mA (maximum), 1 mA (minimum)
RMS noise, 300 Hz to 50 kHz
< 1 mVRMS
PSRR at 1 kHz
> 40 dB
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP2980-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com