Electronic Components Datasheet Search
  English  ▼

X  

LP2987 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP2987
Description  Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2987 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP2987 Datasheet HTML 14Page - Texas Instruments LP2987 Datasheet HTML 15Page - Texas Instruments LP2987 Datasheet HTML 16Page - Texas Instruments LP2987 Datasheet HTML 17Page - Texas Instruments LP2987 Datasheet HTML 18Page - Texas Instruments LP2987 Datasheet HTML 19Page - Texas Instruments LP2987 Datasheet HTML 20Page - Texas Instruments LP2987 Datasheet HTML 21Page - Texas Instruments LP2987 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LP2987, LP2988
SNVS004J – MARCH 1999 – REVISED APRIL 2013
www.ti.com
BYPASS CAPACITOR (LP2988)
The capacitor connected to the Bypass pin must have very low leakage. The current flowing out of the Bypass
pin comes from the Bandgap reference, which is used to set the output voltage. Since the Bandgap circuit has
only a few microamps flowing in it, loading effects due to leakage current will cause a change in the regulated
output voltage.
Curves are provided which show the effect of loading the Bypass pin on the regulated output voltage.
Care must be taken to ensure that the capacitor selected for bypass will not have significant leakage current over
the operating temperature range of the application.
A high quality ceramic capacitor which uses either NPO or COG type dielectiric material will typically have very
low leakage. Small surface-mount polypropolene or polycarbonate film capacitors also have extremely low
leakage, but are slightly larger in size than ceramics.
18
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2987 LP2988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com