Electronic Components Datasheet Search
  English  ▼

X  

LP3882 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3882
Description  1.5A Fast-Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3882 Datasheet(HTML) 5 Page - Texas Instruments

  LP3882 Datasheet HTML 1Page - Texas Instruments LP3882 Datasheet HTML 2Page - Texas Instruments LP3882 Datasheet HTML 3Page - Texas Instruments LP3882 Datasheet HTML 4Page - Texas Instruments LP3882 Datasheet HTML 5Page - Texas Instruments LP3882 Datasheet HTML 6Page - Texas Instruments LP3882 Datasheet HTML 7Page - Texas Instruments LP3882 Datasheet HTML 8Page - Texas Instruments LP3882 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
40
120
160
200
0
0.5
1.0
1.5
LOAD CURRENT (A)
0
80
VBIAS = 5V
25
oC
-40
oC
125
oC
LP3882
www.ti.com
SNVS226F – MARCH 2003 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: TA = 25°C, COUT = 4.7µF, Cin = 4.7µF, S/D pin is tied to VBIAS, VIN = 2.2V, VOUT = 1.8V.
Dropout vs IL
IGND vs VSD
Figure 4.
Figure 5.
VOUT vs Temperature
DC Load Regulation
Figure 6.
Figure 7.
Line Regulation vs VIN
Line Regulation vs VBIAS
Figure 8.
Figure 9.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com