Electronic Components Datasheet Search
  English  ▼

X  

LP3882 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP3882
Description  1.5A Fast-Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3882 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3882 Datasheet HTML 5Page - Texas Instruments LP3882 Datasheet HTML 6Page - Texas Instruments LP3882 Datasheet HTML 7Page - Texas Instruments LP3882 Datasheet HTML 8Page - Texas Instruments LP3882 Datasheet HTML 9Page - Texas Instruments LP3882 Datasheet HTML 10Page - Texas Instruments LP3882 Datasheet HTML 11Page - Texas Instruments LP3882 Datasheet HTML 12Page - Texas Instruments LP3882 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LP3882
www.ti.com
SNVS226F – MARCH 2003 – REVISED APRIL 2013
To understand why a small capacitor can reduce phase margin: assume a typical LDO with a bandwidth of
1MHz, which is delivering 0.5A of current from a 2.5V output (which means RL is 5 Ohms). We then place a .047
µF capacitor on the output. This creates a pole whose frequency is:
Fp = 1 / (2 X π X 5 X .047 X 10E-6) = 677 kHz
(3)
This pole would add close to 60 degrees of phase lag at the crossover (unity gain) frequency of 1 MHz, which
would almost certainly make this regulator oscillate. Depending on the load current, output voltage, and
bandwidth, there are usually values of small capacitors which can seriously reduce phase margin. If the
capacitors are ceramic, they tend to oscillate more easily because they have very little internal inductance to
damp it out. If bypass capacitors are used, it is best to place them near the load and use trace inductance to
"decouple" them from the regulator output.
INPUT CAPACITOR
The input capacitor must be at least 4.7 µF, but can be increased without limit. It's purpose is to provide a low
source impedance for the regulator input. Ceramic capacitors work best for this, but Tantalums are also very
good. There is no ESR limitation on the input capacitor (the lower, the better). Aluminum electrolytics can be
used, but their ESR increase very quickly at cold temperatures. They are not recommended for any application
where temperatures go below about 10°C.
BIAS CAPACITOR
The 0.1µF capacitor on the bias line can be any good quality capacitor (ceramic is recommended).
BIAS VOLTAGE
The bias voltage is an external voltage rail required to get gate drive for the N-FET pass transistor. Bias voltage
must be in the range of 4.5 - 6V to assure proper operation of the part.
UNDER VOLTAGE LOCKOUT
The bias voltage is monitored by a circuit which prevents the regulator output from turning on if the bias voltage
is below approximately 4V.
SHUTDOWN OPERATION
Pulling down the shutdown (S/D) pin will turn-off the regulator. Pin S/D must be actively terminated through a
pull-up resistor (10 k
Ω to 100 kΩ) for a proper operation. If this pin is driven from a source that actively pulls high
and low (such as a CMOS rail to rail comparator), the pull-up resistor is not required. This pin must be tied to Vin
if not used.
POWER DISSIPATION/HEATSINKING
A heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of
the application. Under all possible conditions, the junction temperature must be within the range specified under
operating conditions. The total power dissipation of the device is given by:
PD = (VIN−VOUT)IOUT+ (VIN)IGND
where IGND is the operating ground current of the device.
The maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax) of the
application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax− TAmax
The maximum allowable value for junction to ambient Thermal Resistance,
θJA, can be calculated using the
formula:
θJA = TRmax / PD
These parts are available in TO-220 and DDPAK/TO-263 packages. The thermal resistance depends on amount
of copper area or heat sink, and on air flow. If the maximum allowable value of
θJA calculated above is ≥ 60 °C/W
for TO-220 package and
≥ 60 °C/W for DDPAK/TO-263 package no heatsink is needed since the package can
dissipate enough heat to satisfy these requirements. If the value for allowable
θJA falls below these limits, a heat
sink is required.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com