Electronic Components Datasheet Search
  English  ▼

X  

LP3905 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3905
Description  Power Management Unit For Low Power Handheld Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3905 Datasheet(HTML) 5 Page - Texas Instruments

  LP3905 Datasheet HTML 1Page - Texas Instruments LP3905 Datasheet HTML 2Page - Texas Instruments LP3905 Datasheet HTML 3Page - Texas Instruments LP3905 Datasheet HTML 4Page - Texas Instruments LP3905 Datasheet HTML 5Page - Texas Instruments LP3905 Datasheet HTML 6Page - Texas Instruments LP3905 Datasheet HTML 7Page - Texas Instruments LP3905 Datasheet HTML 8Page - Texas Instruments LP3905 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LP3905
www.ti.com
SNVS374D – JUNE 2006 – REVISED MAY 2013
General Electrical Characteristics
(1) (2) (3)
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the full junction temperature range (−40°C ≤
TJ ≤ +125°C). Unless otherwise noted, specifications apply to the LP3905 Typical Application Circuit (Figure 1)
Parameter
Test Conditions
Min
Typ
Max
Units
Login Input Thresholds
VIN
Input Voltage Range
3
5.5
V
Shutdown Supply Current
All Circuits OFF except for POR and UVLO
6.5
10.0
µA
LDO1 and 2 and Buck1 and 2 on
140
250
IQ
No load Supply Current(4)
(PWM only versions) LDO1 and 2 and
7
10.0
mA
Buck1 and 2 on
VIH
Logic High Input
VIN = 3.0V to 5.5V
1.2
V
VIL
Logic Low Input
VIN = 3.0V to 5.5V
0.4
V
EN1/EN2 = 5.5V and VIN= 5.5V
2.1
5
8.5
µA
IEN
Enable (EN1,2) Input Current(5)
EN1/EN2 = 0V and VIN= 5.5V
0.001
0.1
µA
VUVLO-R
Battery Under Voltage Lock-Out
VIN Rising
2.7
3.1
V
Temperature
160
TSHUTDOWN
Thermal Shutdown(4)
°C
Hysteresis
20
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are ensured by design, test or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
(3)
The parameters in the electrical characteristic table are tested at VIN= 3.8V unless otherwise specified. For performance over the input
voltage range refer to datasheet curves.
(4)
This specification is ensured by design.
(5)
There is a 1 M
Ω resistor between EN1,EN2 and ground on the device.
Buck Regulator Electrical Characteristics
(1) (2) (3)
Buck 1 and 2 have a current rating of Imax= 600mA. Unless otherwise specified, limits are set with VIN = VEN1/2 = 3.8V,
VOUT(Buck1)= Vnom1 , VOUT(Buck2)= Vnom2 and CIN= COUT=10µF.
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the full junction temperature range (−40°C ≤
TJ ≤ +125°C). Unless otherwise noted, specifications apply to the LP3905 Typical Application Circuit (Figure 1)
(1) (2) (4)
Parameter
Test Conditions
Min
Typ
Max
Units
VFB
Feedback Voltage
See(5)
-4
+4
%
3.0V
≤ VIN ≤ 5.5V
Line Regulation
0.045
%/V
IO = 1mA
VOUT
Load Regulation
100 mA
≤ IO ≤ 600mA
0.002
%/mA
RDSON (P)
Pin-Pin Resistance for PFET
VIN= VGS= 3.6V
380
500
m
Ω
RDSON (N)
Pin-Pin Resistance for NFET
VIN= VGS= 3.6V
(6)
250
400
m
Ω
ILIM
Switch Peak Current Limit
Open Loop
650
1000
1220
mA
FOSC
Internal Oscillator Frequency
PWM Mode
2
MHz
IOUT = 5mA, PFM mode(6)
88
η
Efficiency
%
IOUT = 300mA, PWM mode(6)
90
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are ensured by design, test or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
(3)
The parameters in the electrical characteristic table are tested at VIN= 3.8V unless otherwise specified. For performance over the input
voltage range refer to datasheet curves.
(4)
CIN, COUT: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(5)
For the adjustable version, feedback resistor values should be chosen for the divider network to ensure that at the desired output
voltage the feedback pin is at 0.5V. See Buck Converter Applications Information.
(6)
This specification is ensured by design.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com