Electronic Components Datasheet Search
  English  ▼

X  

LP3905 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP3905
Description  Power Management Unit For Low Power Handheld Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3905 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3905 Datasheet HTML 13Page - Texas Instruments LP3905 Datasheet HTML 14Page - Texas Instruments LP3905 Datasheet HTML 15Page - Texas Instruments LP3905 Datasheet HTML 16Page - Texas Instruments LP3905 Datasheet HTML 17Page - Texas Instruments LP3905 Datasheet HTML 18Page - Texas Instruments LP3905 Datasheet HTML 19Page - Texas Instruments LP3905 Datasheet HTML 20Page - Texas Instruments LP3905 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LP3905
www.ti.com
SNVS374D – JUNE 2006 – REVISED MAY 2013
Enable Control
A 1M
Ω pulldown resistor ties the EN1/2 input to ground, this ensures that the device will remain off when the
enable pin is left open circuit. To ensure proper operation, the signal source used to drive the EN1/2 input must
be able to swing above and below the specified turn-on/off voltage thresholds listed in the Electrical
Characteristics section under VIL and VIH. EN1 can be used to turn ON Buck1 and LDO1/2. In this case Buck1
will be turned on first. Once Buck1 is powered up, after a typical 150µs delay LDO1/2 will be turned on
concurrently.
LP3905 Board Layout Considerations
PC board layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance
of a DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce, and resistive voltage loss
in the traces. These can send erroneous signals to the DC-DC converter IC, resulting in poor regulation or
instability.
Good layout for the LP3905 can be implemented by following a few simple design rules.
1. Place the Buck inductor and filter capacitors close together and make the traces short. The traces between
these components carry relatively high switching currents and act as antennas. Following this rule reduces
radiated noise. Special care must be given to place the input filter capacitor very close to the VIN and GND
pin.
2. Arrange the components so that the switching current loops curl in the same direction. During the first half of
each cycle, current flows from the input filter capacitor through the LP3905 and inductor to the output filter
capacitor and back through ground, forming a current loop. In the second half of each cycle, current is pulled
up from ground through the LP3905 by the inductor to the output filter capacitor and then back through
ground forming a second current loop. Routing these loops so the current curls in the same direction
prevents magnetic field reversal between the two half-cycles and reduces radiated noise.
3. Connect the ground pins of the Bucks and filter capacitors together using generous component-side copper
fill as a pseudo-ground plane. Then, connect this to the ground-plane (if one is used) with several vias. This
reduces ground-plane noise by preventing the switching currents from circulating through the ground plane. It
also reduces ground bounce at the LP3905 by giving it a low-impedance ground connection.
4. Use wide traces between the power components and for power connections to the DC-DC converter circuit.
This reduces voltage errors caused by resistive losses across the traces.
5. Route noise sensitive traces, such as the voltage feedback path, away from noisy traces between the power
components. The voltage feedback trace must remain close to the Buck circuits and should be direct but
should be routed opposite to noisy components. This reduces EMI radiated onto the DC-DC converter’s own
voltage feedback trace. A good approach is to route the feedback trace on another layer and to have a
ground plane between the top layer and layer on which the feedback trace is routed. In the same manner for
the adjustable part it is desired to have the feedback dividers on the bottom layer.
6. Place noise sensitive circuitry, such as radio IF blocks, away from the DC-DC converter, CMOS digital blocks
and other noisy circuitry. Interference with noise-sensitive circuitry in the system can be reduced through
distance.
In mobile phones, for example, a common practice is to place the DC-DC converters on one corner of the board,
arrange the CMOS digital circuitry around it (since this also generates noise), and then place sensitive
preamplifiers and IF stages on the diagonally opposing corner. Often, the sensitive circuitry is shielded with a
metal pan and power to it is post-regulated to reduce conducted noise, using low-dropout linear regulators.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP3905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com