Electronic Components Datasheet Search
  English  ▼

X  

LP3906 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP3906 Datasheet HTML 15Page - Texas Instruments LP3906 Datasheet HTML 16Page - Texas Instruments LP3906 Datasheet HTML 17Page - Texas Instruments LP3906 Datasheet HTML 18Page - Texas Instruments LP3906 Datasheet HTML 19Page - Texas Instruments LP3906 Datasheet HTML 20Page - Texas Instruments LP3906 Datasheet HTML 21Page - Texas Instruments LP3906 Datasheet HTML 22Page - Texas Instruments LP3906 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
VIN
160:
IMODE < 66 mA
)
(Typically
+
-VOUT
L
VIN - VOUT
L
LP3906
www.ti.com
SNVS456M – AUGUST 2006 – REVISED MAY 2013
Additional features include soft-start, under-voltage lock-out, current overload protection, and thermal overload
protection.
CIRCUIT OPERATION DESCRIPTION
A buck converter contains a control block, a switching PFET connected between input and output, a synchronous
rectifying NFET connected between the output and ground (BCKGND pin) and a feedback path. During the first
portion of each switching cycle, the control block turns on the internal PFET switch. This allows current to flow
from the input through the inductor to the output filter capacitor and load. The inductor limits the current to a
ramp with a slope of
(1)
by storing energy in a magnetic field. During the second portion of each cycle, the control block turns the PFET
switch off, blocking current flow from the input, and then turns the NFET synchronous rectifier on. The inductor
draws current from ground through the NFET to the output filter capacitor and load, which ramps the inductor
current down with a slope of
(2)
The output filter stores charge when the inductor current is high, and releases it when low, smoothing the voltage
across the load.
PWM OPERATION
During PWM operation the converter operates as a voltage-mode controller with input voltage feed forward. This
allows the converter to achieve excellent load and line regulation. The DC gain of the power stage is proportional
to the input voltage. To eliminate this dependence, feed forward voltage inversely proportional to the input
voltage is introduced.
INTERNAL SYNCHRONOUS RECTIFICATION
While in PWM mode, the buck uses an internal NFET as a synchronous rectifier to reduce rectifier forward
voltage drop and associated power loss. Synchronous rectification provides a significant improvement in
efficiency whenever the output voltage is relatively low compared to the voltage drop across an ordinary rectifier
diode.
CURRENT LIMITING
A current limit feature allows the converter to protect itself and external components during overload conditions.
PWM mode implements current limiting using an internal comparator that trips at 2.0 A (typ). If the output is
shorted to ground the device enters a timed current limit mode where the NFET is turned on for a longer duration
until the inductor current falls below a low threshold, ensuring inductor current has more time to decay, thereby
preventing runaway.
A current limit feature allows the buck to protect itself and external components during overload conditions PWM
mode implements cycle-by-cycle current limiting using an internal comparator that trips at 2000mA (typical).
PFM OPERATION
At very light loads, the converter enters PFM mode and operates with reduced switching frequency and supply
current to maintain high efficiency.
The part will automatically transition into PFM mode when either of two conditions occurs for a duration of 32 or
more clock cycles:
1. The inductor current becomes discontinuous
or
2. The peak PMOS switch current drops below the IMODE level
(3)
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com