Electronic Components Datasheet Search
  English  ▼

X  

LP3906 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP3906 Datasheet HTML 19Page - Texas Instruments LP3906 Datasheet HTML 20Page - Texas Instruments LP3906 Datasheet HTML 21Page - Texas Instruments LP3906 Datasheet HTML 22Page - Texas Instruments LP3906 Datasheet HTML 23Page - Texas Instruments LP3906 Datasheet HTML 24Page - Texas Instruments LP3906 Datasheet HTML 25Page - Texas Instruments LP3906 Datasheet HTML 26Page - Texas Instruments LP3906 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
EN_T
Vout Buck1
Vout Buck2
Vout LDO1
Vout LDO2
t1
t2
t3
t4
LP3906
www.ti.com
SNVS456M – AUGUST 2006 – REVISED MAY 2013
NOTE
LP3906 The default Power on delays can be reprogrammed at final test or I2C to 1, 1.5, 2,
3, 6, or 11 ms.
LP3906 Default Power-Off Sequence
Symbol
Description
Min
Typ
Max
Units
t1
Programmable Delay from EN_T deassertion to VCC_Buck1 Off
1.5
ms
t2
Programmable Delay from EN_T deassertion to VCC_Buck2 Off
2
ms
t3
Programmable Delay from EN_T deassertion to VCC_LDO1 Off
3
ms
t4
Programmable Delay from EN_T deassertion to VCC_LDO2 Off
6
ms
NOTE
LP3906 The default Power on delays can be reprogrammed at final test to 0, .5, 1, 2, 5, or
10 ms. Default setting is the same as the on sequence.
Power-On-Reset
The LP3906 is equipped with an internal Power-On-Reset (“POR”) circuit that will reset the logic when VDD <
VPOR. This ensures that the logic is properly initialized when VDD rises above the minimum operating voltage of
the Logic and the internal oscillator that clocks the Sequential Logic in the Control section.
I
2C Compatible Serial Interface
I2C SIGNALS
The LP3906 features an I2C compatible serial interface, using two dedicated pins: SCL and SDA for I2C clock
and data respectively. Both signals need a pull-up resistor according to the I2C specification. The LP3906
interface is an I2C slave that is clocked by the incoming SCL clock.
Signal timing specifications are according to the I2C bus specification. The maximum bit rate is 400 kbit/s. See
I2C specification from Philips for further details.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com