Electronic Components Datasheet Search
  English  ▼

X  

LP3907 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907 Datasheet(HTML) 46 Page - Texas Instruments

Back Button LP3907 Datasheet HTML 42Page - Texas Instruments LP3907 Datasheet HTML 43Page - Texas Instruments LP3907 Datasheet HTML 44Page - Texas Instruments LP3907 Datasheet HTML 45Page - Texas Instruments LP3907 Datasheet HTML 46Page - Texas Instruments LP3907 Datasheet HTML 47Page - Texas Instruments LP3907 Datasheet HTML 48Page - Texas Instruments LP3907 Datasheet HTML 49Page - Texas Instruments LP3907 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
46
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
If the EN_T is used to power up the device instead individual ENs , then VIN must be stable for approximately 8
ms minimum before EN_T be asserted high to ensure internal bias, reference, and the Flexible POR timing are
stabilized. This initial EN_T delay is necessary only upon first time device power on for power sequencing
function to operate properly.
10.1 Analog Power Signal Routing
All power inputs must be tied to the main VDD source (for example, battery), unless the user wishes to power it
from another source. (that is, external LDO output).
The analog VDD inputs power the internal bias and error amplifiers, so they must be tied to the main VDD. The
analog VDD inputs must have an input voltage between 2.8 V and 5.5 V, as specified in the Recommended
Operating Conditions (Bucks) table earlier in the data sheet.
The other VINs (VINLDO1, VINLDO2) can have inputs lower than 2.8 V, as long as the input it higher than the
programmed output (0.3 V).
The analog and digital grounds must be tied together outside of the chip to reduce noise coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com