Electronic Components Datasheet Search
  English  ▼

X  

LP3907 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907 Datasheet(HTML) 47 Page - Texas Instruments

Back Button LP3907 Datasheet HTML 43Page - Texas Instruments LP3907 Datasheet HTML 44Page - Texas Instruments LP3907 Datasheet HTML 45Page - Texas Instruments LP3907 Datasheet HTML 46Page - Texas Instruments LP3907 Datasheet HTML 47Page - Texas Instruments LP3907 Datasheet HTML 48Page - Texas Instruments LP3907 Datasheet HTML 49Page - Texas Instruments LP3907 Datasheet HTML 50Page - Texas Instruments LP3907 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
47
LP3907
www.ti.com
SNVS511S – JUNE 2007 – REVISED APRIL 2016
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
11 Layout
11.1 DSBGA Layout Guidelines
PC board layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance
of a DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce, and resistive voltage loss
in the traces. These can send erroneous signals to the DC-DC converter device, resulting in poor regulation or
instability.
Good layout for the LP3907 device bucks can be implemented by following a few simple design rules below.
Refer to Figure 49 for top-layer board buck layout.
1. Place the LP3907 bucks, inductor, and filter capacitors close together and make the traces short. The traces
between these components carry relatively high switching currents and act as antennas. Following this rule
reduces radiated noise. Special care must be given to place the input filter capacitor very close to the VIN
and GND pin.
2. Arrange the components so that the switching current loops curl in the same direction. During the first half of
each cycle, current flows from the input filter capacitor through the LP3907 bucks and inductor to the output
filter capacitor and back through ground, forming a current loop. In the second half of each cycle, current is
pulled up from ground through the LP3907 bucks by the inductor to the output filter capacitor and then back
through ground forming a second current loop. Routing these loops so the current curls in the same direction
prevents magnetic field reversal between the two half-cycles and reduces radiated noise.
3. Connect the ground pins of the LP3907 bucks and filter capacitors together using generous component-side
copper fill as a pseudo-ground plane. Then, connect this to the ground-plane (if one is used) with several
vias. This reduces ground-plane noise by preventing the switching currents from circulating through the
ground plane. It also reduces ground bounce at the LP3907 bucks by giving it a low-impedance ground
connection.
4. Use wide traces between the power components and for power connections to the DC-DC converter circuit.
This reduces voltage errors caused by resistive losses across the traces.
5. Route noise sensitive traces, such as the voltage feedback path, away from noisy traces between the power
components. The voltage feedback trace must remain close to the circuit of the LP3907 buck and must be
direct but must be routed opposite to noisy components. This reduces EMI radiated onto the DC-DC
converter’s own voltage feedback trace. A good approach is to route the feedback trace on another layer and
to have a ground plane between the top layer and layer on which the feedback trace is routed. In the same
manner for the adjustable part it is desired to have the feedback dividers on the bottom layer.
6. Place noise sensitive circuitry, such as radio IF blocks, away from the DC-DC converter, CMOS digital blocks
and other noisy circuitry. Interference with noise-sensitive circuitry in the system can be reduced through
distance.
For more detailed layout specifications and information, refer to AN-1112 DSBGA Wafer Level Chip Scale
Package (SNVA009).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com