Electronic Components Datasheet Search
  English  ▼

X  

LP3913 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 22Page - Texas Instruments LP3913 Datasheet HTML 23Page - Texas Instruments LP3913 Datasheet HTML 24Page - Texas Instruments LP3913 Datasheet HTML 25Page - Texas Instruments LP3913 Datasheet HTML 26Page - Texas Instruments LP3913 Datasheet HTML 27Page - Texas Instruments LP3913 Datasheet HTML 28Page - Texas Instruments LP3913 Datasheet HTML 29Page - Texas Instruments LP3913 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
PowerOff
VBLA
Vuvlo
Vpor
2.1V
0.9V
2.4V (Typ.)
2.4-3.5V (factory
programmable)
4.2V (Typ.)
Vterm
Active
Standby
Battery safety switch on/off threshold
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
Figure 54. Voltage Threshold Levels
Table 2. Power State Table
Power Off
Standby
Active
Charger Standby
LDO1,2
Off
Off
On
Off
BUCK1,2
Off
Off
On
Off
BUCK3
Off
Off
On
Off
CHARGER
Off
Off
On if Charger / USB
On if Charger / USB
Present
Present
A/D Converter
Off
Off
On
Off
NRST
Low
Low
High
Low
I2C interface
Off
Off
On
On
Internal System Oscillator
Off
Off
On
On
Battery Monitor
Off
On
On
On
Current consumption
<1 µA
10 µA (typ)
See Electrical
See Electrical
Characteristics
Characteristics
Power-On-Reset
The LP3913 is equipped with an internal Power-On-Reset (“POR”) circuit that will reset the logic when VDD <
VPOR. This ensures that the logic is properly initialized when VDD rises above the minimum operating voltage of
the Logic and the internal oscillator that clocks the Sequential Logic in the Control section.
Thermal Shutdown and Thermal Alarm
An internal temperature sensor monitors the junction temperature of the LP3913 and forcibly invokes standby
mode in the unusual case when the junction temperature of the silicon exceeds the normal operating level due to
excessive loads on all power regulators and the Li-ion charger and/or due to an abnormally high ambient
temperature. The thermal Shutdown threshold is 160°C.
The thermal shutdown is preceded by a Thermal alarm that generates an interrupt request if unmasked (see
Interrupt Request generation). The temperature threshold for triggering the alarm is 115°C.
NRST Pin
The NRST pin is an open-drain output and is active low during Standby, Power Off and Charger Standby modes.
The NRST timing is determined by a factory programmable counter.
Control Registers
The LP3913 contains 14 user programmable registers that configure the functionality of the individual modules
inside the IC. Registers are programmed through an I2C interface and have default values that are invoked
during an internal reset. Some of the default values can be tailored to the specific needs of the system designer
(see APPLICATIONS INFORMATION).
26
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com