Electronic Components Datasheet Search
  English  ▼

X  

LP3921SQ/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP3921SQ/NOPB
Description  Battery Charger Management and Regulator Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3921SQ/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP3921SQ/NOPB Datasheet HTML 17Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 18Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 19Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 20Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 21Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 22Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 23Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 24Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
LP3921
www.ti.com
SNVS580A – AUGUST 2008 – REVISED MAY 2013
CHARGER FULL RATE CURRENT
Programming Information
Table 13. Register Address 8h'11: CHGCNTL2
Data BITs
HEX
NAME
FUNCTION
000[00000]
00
Prog_ICHG
50 mA
000[00001]
01
100 mA
000[00010]
02
150 mA
000[00011]
03
200 mA
000[00100]
04
250 mA
000[00101]
05
300 mA
000[00110]
06
350 mA
000[00111]
07
400 mA
000[01000]
08
450 mA
000[01001]
09
500 mA
000[01010]
0A
550 mA
000[01011]
0B
600 mA
000[01100]
0C
650 mA
000[01101]
0D
700 mA
000[01110]
0E
750 mA
000[01111]
0F
800 mA
000[10000]
10
850 mA
000[10001]
11
900 mA
000[10010]
12
950 mA
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com