Electronic Components Datasheet Search
  English  ▼

X  

LP3921SQ/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP3921SQ/NOPB
Description  Battery Charger Management and Regulator Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3921SQ/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3921SQ/NOPB Datasheet HTML 4Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 5Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 6Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 7Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 8Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 9Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 10Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 11Page - Texas Instruments LP3921SQ/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
LP3921
SNVS580A – AUGUST 2008 – REVISED MAY 2013
www.ti.com
General Electrical Characteristics
Unless otherwise noted, VIN (=VIN1=VIN2=BATT=VDD) = 3.6V, GND = 0V, CVIN1-2=10 µF, CLDOX=1 µF. Typical values and
limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction
temperature range for operation, TA = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
IQ(STANDBY)
Standby Supply
VIN = 3.6V, UVLO on, internal logic
2
5
µA
Current
circuit on, all other circuits off
POWER MONITOR FUNCTIONS
Battery Under-Voltage Lockout
VUVLO-R
Under Voltage Lock-
VIN Rising
2.85
2.7
3.0
V
out
THERMAL SHUTDOWN
Higher Threshold
(2)
160
°C
LOGIC AND CONTROL INPUTS
VIL
Input Low Level
PS_HOLD, SDA, SCL, RX_EN,
0.25*
V
TCXO_EN, TX_EN (2)
VLDO2
PWR_ON, HF_PWR
0.25*
V
(2)
VBATT
VIH
Input High Level
PS_HOLD, SDA, SCL, RX_EN,
0.75*
V
TCXO_EN, TX_EN
VLDO2
(2)
PWR_ON, HF_PWR
0.75*
V
(2)
VBATT
IIL
Logic Input Current
All logic inputs except PWR_ON
-5
+5
µA
and HF_PWR
0V
≤ VINPUT ≤ VBATT
RIN
Input Resistance
PWR_ON, HF_PWR Pull-Down
500
k
resistance to GND
LOGIC AND CONTROL OUTPUTS
VOL
Output Low Level
PON_N, RESET_N, SDA,
0.25*
V
ACOK_N
IOUT = 2 mA
VLDO2
VOH
Output High Level
PON_N, RESET_N, ACOK_N
0.75*
V
IOUT = -2 mA
VLDO2
(Not applicable to Open Drain
Output SDA)
(1)
All limits are verified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and
cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical process
control.
(2)
Specified by design.
LDO1 (CORE) Electrical Characteristics
Unless otherwise noted, VIN (=VIN1=VIN2=BATT=VDD) = 3.6V, GND = 0V, CVIN1-2=10 µF, CLDOX=1 µF. Note VINMIN is the
greater of 3.0V or VOUT1+ 0.5V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in
boldface type apply over the entire junction temperature range for operation, TA = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
VOUT1
Output Voltage
IOUT1 = 1 mA, VOUT1= 3.0V
−2
+2
%
Accuracy
−3
+3
Output Voltage
Default
1.8
V
(1)
All limits are verified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and
cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical process
control.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com