Electronic Components Datasheet Search
  English  ▼

X  

CD54HC107 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC107
Description  Dual J-K Flip-Flop with Reset Negative-Edge Trigger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC107 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC107 Datasheet HTML 1Page - Texas Instruments CD54HC107 Datasheet HTML 2Page - Texas Instruments CD54HC107 Datasheet HTML 3Page - Texas Instruments CD54HC107 Datasheet HTML 4Page - Texas Instruments CD54HC107 Datasheet HTML 5Page - Texas Instruments CD54HC107 Datasheet HTML 6Page - Texas Instruments CD54HC107 Datasheet HTML 7Page - Texas Instruments CD54HC107 Datasheet HTML 8Page - Texas Instruments CD54HC107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS139D
Features
• Hysteresis on Clock Inputs for Improved Noise Immu-
nity and Increased Input Rise and Fall Times
• Asynchronous Reset
• Complementary Outputs
• Buffered Inputs
• Typical fMAX = 60MHz at VCC = 5V, CL = 15pF,
TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC107 and CD74HCT107 utilize silicon gate CMOS
technology to achieve operating speeds equivalent to LSTTL
parts. They exhibit the low power consumption of standard
CMOS integrated circuits, together with the ability to drive 10
LSTTL loads.
These flip-flops have independent J, K, Reset and Clock
inputs and Q and Q outputs. They change state on the
negative-going transition of the clock pulse. Reset is
accomplished asynchronously by a low level input.
This device is functionally identical to the HC/HCT73 but
differs in terminal assignment and in some parametric limits.
The HCT logic family is functionally as well as pin compatible
with the standard LS family.
Pinout
CD54HC107 (CERDIP)
CD74HC107 (PDIP, SOIC)
CD74HCT107 (PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC107F3A
-55 to 125
14 Ld CERDIP
CD74HC107E
-55 to 125
14 Ld PDIP
CD74HC107M
-55 to 125
14 Ld SOIC
CD74HC107MT
-55 to 125
14 Ld SOIC
CD74HC107M96
-55 to 125
14 Ld SOIC
CD74HCT107E
-55 to 125
14 Ld PDIP
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
1J
1Q
1Q
1K
2Q
2Q
GND
VCC
1R
1CP
2K
2R
2CP
2J
1
2
3
4
5
6
7
14
13
12
11
10
9
8
March 1998 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC107, CD74HC107,
CD74HCT107
Dual J-K Flip-Flop with Reset
Negative-Edge Trigger
[ /Title
(CD74
HC107
,
CD74
HCT10
7)
/Sub-
ject
(Dual
J-K
Flip-
Flop
with
Reset
Nega-
tive-


Similar Part No. - CD54HC107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC107 TI-CD54HC107 Datasheet
451Kb / 15P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI1-CD54HC107 Datasheet
624Kb / 16P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI2-CD54HC107 Datasheet
609Kb / 20P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
Revised October 2003
CD54HC107F3A TI-CD54HC107F3A Datasheet
451Kb / 15P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107F3A TI1-CD54HC107F3A Datasheet
624Kb / 16P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
More results

Similar Description - CD54HC107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC107 TI-CD74HC107 Datasheet
56Kb / 8P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD74HC112 TI-CD74HC112 Datasheet
55Kb / 8P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD74HC73 TI-CD74HC73 Datasheet
57Kb / 8P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73 Datasheet
266Kb / 13P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73_07 Datasheet
422Kb / 15P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112_08 Datasheet
643Kb / 18P
Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73_08 Datasheet
452Kb / 15P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI-CD54HC107_08 Datasheet
451Kb / 15P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI1-CD54HC107_16 Datasheet
624Kb / 16P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73_V01 Datasheet
1,007Kb / 18P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
September 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com