Electronic Components Datasheet Search
  English  ▼

X  

CD54HC107 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC107
Description  Dual J-K Flip-Flop with Reset Negative-Edge Trigger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC107 Datasheet(HTML) 2 Page - Texas Instruments

  CD54HC107 Datasheet HTML 1Page - Texas Instruments CD54HC107 Datasheet HTML 2Page - Texas Instruments CD54HC107 Datasheet HTML 3Page - Texas Instruments CD54HC107 Datasheet HTML 4Page - Texas Instruments CD54HC107 Datasheet HTML 5Page - Texas Instruments CD54HC107 Datasheet HTML 6Page - Texas Instruments CD54HC107 Datasheet HTML 7Page - Texas Instruments CD54HC107 Datasheet HTML 8Page - Texas Instruments CD54HC107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Functional Diagram
Logic Diagram
TRUTH TABLE
INPUTS
OUTPUTS
R
CP
J
K
Q
Q
L
XXX
L
H
H
↓
L
L
No Change
H
↓
HLHL
H
↓
LHLH
H
↓
H
H
Toggle
H
H
X
X
No Change
H= High Level (Steady State)
L= Low Level (Steady State)
X= Irrelevant
↓= High-to-Low Transition
2R
3
2
1Q
1Q
10
13
1R
2K
11
9
5
6
2Q
2Q
2CP
FF 1
FF 2
GND = 7
VCC = 14
2J
8
1K
4
12
1CP
1J
1
nA
J
K
CL
CL R
3 (5)
Q
2 (6)
Q
1 (8)
4(11)
J
K
12 (9)
CP
13 (10)
R
CD54HC107, CD74HC107, CD74HCT107



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com