Electronic Components Datasheet Search
  English  ▼

X  

TLC2810ZP Datasheet(PDF) 19 Page - Texas Instruments

Part # TLC2810ZP
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2810ZP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC2810ZP Datasheet HTML 15Page - Texas Instruments TLC2810ZP Datasheet HTML 16Page - Texas Instruments TLC2810ZP Datasheet HTML 17Page - Texas Instruments TLC2810ZP Datasheet HTML 18Page - Texas Instruments TLC2810ZP Datasheet HTML 19Page - Texas Instruments TLC2810ZP Datasheet HTML 20Page - Texas Instruments TLC2810ZP Datasheet HTML 21Page - Texas Instruments TLC2810ZP Datasheet HTML 22Page - Texas Instruments TLC2810ZP Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
–
+
TLE2426
V
O + (
V
DD *
V
I
2
)R2
R1
)
V
DD
2
VO
VI
R1
R2
VDD
Figure 31. Inverting Amplifier With Voltage
Reference
TLC2810Z, TLC2810Y
LinCMOS
™ PRECISION
DUAL OPERATIONAL AMPLIFIERS
SLOS120A – AUGUST 1993 – REVISED AUGUST 1994
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
single-supply operation
While
the
TLC2810Z
performs
well
using
dual-power supplies (also called balanced or split
supplies), the design is optimized for single-
supply operation. This includes an input common-
mode voltage range that encompasses ground as
well as an output voltage range that pulls down to
ground. The supply voltage range extends down
to 4 V, thus allowing operation with supply levels
commonly available for TTL and CMOS.
Many single-supply applications require that a
voltage be applied to one input to establish a
reference level that is above ground. This virtual
ground can be generated using two large
resistors, but a preferred technique is to use a
virtual ground generator such as the TLE2426 (see Figure 31). The TLE2426 supplies an accurate voltage equal
to VDD/2, while consuming very little power and is suitable for supply voltages of greater than 4 V.
The TLC2810Z works well in conjunction with digital logic. However, when powering both linear devices and
digital logic from the same power supply, the following precautions are recommended:
1.
Power the linear devices from separate bypassed supply lines (see Figure 32). Otherwise, the linear
device supply rails can fluctuate due to voltage drops caused by high switching currents in the digital logic.
2.
Use proper bypass techniques to reduce the probability of noise-induced errors. Single capacitive
decoupling is often adequate. However, RC decoupling may be necessary in high-frequency applications.
–
+
Logic
Logic
Logic
Power
Supply
–
+
Logic
Logic
Logic
Power
Supply
(a) COMMON SUPPLY RAILS
(b) SEPARATE BYPASSED SUPPLY RAILS (preferred)
Output
Output
Figure 32. Common Versus Separate Supply Rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com