Electronic Components Datasheet Search
  English  ▼

X  

TLC2810ZP Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC2810ZP
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2810ZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC2810ZP Datasheet HTML 6Page - Texas Instruments TLC2810ZP Datasheet HTML 7Page - Texas Instruments TLC2810ZP Datasheet HTML 8Page - Texas Instruments TLC2810ZP Datasheet HTML 9Page - Texas Instruments TLC2810ZP Datasheet HTML 10Page - Texas Instruments TLC2810ZP Datasheet HTML 11Page - Texas Instruments TLC2810ZP Datasheet HTML 12Page - Texas Instruments TLC2810ZP Datasheet HTML 13Page - Texas Instruments TLC2810ZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TLC2810Z, TLC2810Y
LinCMOS
™ PRECISION
DUAL OPERATIONAL AMPLIFIERS
SLOS120A – AUGUST 1993 – REVISED AUGUST 1994
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
3.5
3
2.5
2
4
4.5
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
– 75 – 50 – 25
0
25
50
75 100
125
TA – Free-Air Temperature – °C
IOH = – 500 µA
IOH = – 1 mA
IOH = – 2 mA
IOH = – 3 mA
IOH = – 4 mA
150
VDD = 5 V
VIC = 1 V
VID = 100 mV
Figure 6
500
400
350
300
0
0.5
1
1.5
2
2.5
600
650
700
3
3.5
4
550
450
LOW-LEVEL OUTPUT VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
VDD = 5 V
IOL = 5 mA
TA = 25°C
VID = – 100 mV
VID = – 1 V
Figure 7
400
200
100
0
0– 2
600
700
800
–4
500
300
LOW-LEVEL OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
VID – Differential Input Voltage – V
VDD = 5 V
VIC = |VID /2|
IOL = 5 mA
TA = 25°C
–1
–3
Figure 8
400
200
100
0
600
700
800
500
300
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
900
– 75 – 50 – 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VDD = 5 V
VIC = 1 V
VID = – 1 V
IOL = 5 mA
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com