Electronic Components Datasheet Search
  English  ▼

X  

TLC2933IPW Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC2933IPW
Description  HIGH-PERFORMANCE PHASE-LOCKED LOOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2933IPW Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC2933IPW Datasheet HTML 12Page - Texas Instruments TLC2933IPW Datasheet HTML 13Page - Texas Instruments TLC2933IPW Datasheet HTML 14Page - Texas Instruments TLC2933IPW Datasheet HTML 15Page - Texas Instruments TLC2933IPW Datasheet HTML 16Page - Texas Instruments TLC2933IPW Datasheet HTML 17Page - Texas Instruments TLC2933IPW Datasheet HTML 18Page - Texas Instruments TLC2933IPW Datasheet HTML 19Page - Texas Instruments TLC2933IPW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TLC2933
HIGHPERFORMANCE PHASELOCKED LOOP
SLAS136B − APRIL 1996 − REVISED JANUARY 2002
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
From the circuit constants and the initial design parameters then
R2
+
2
z
wn *
N
Kp
@ KV
1
C1
R1
+
Kp
@ Kv
w 2
n @
N
*
2
z
wn )
N
Kp
@ KV
1
C1
(10)
(11)
The capacitor, C1, is usually chosen between 1
µF and 0.1 µF to allow for reasonable resistor values and
physical capacitor size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com