| Electronic Components Datasheet Search |
|
TLC2933IPW Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC2933IPW Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 24 page ![]() TLC2933 HIGHPERFORMANCE PHASELOCKED LOOP SLAS136B − APRIL 1996 − REVISED JANUARY 2002 14 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION low-pass-filter (LPF) configurations Many excellent references are available that include detailed design information about LPFs and should be consulted for additional information. Lag-lead filters or active filters are often used. Examples of LPFs are shown in Figure 17. When the active filter of Figure 17(c) is used, the reference should be applied to FIN-B because of the amplifier inversion. Also, in practical filter implementations, C2 is used as additional filtering at the VCO input. The value of C2 should be equal to or less than one tenth the value of C1. R1 C1 T1 = C1R1 (a) LAG FILTER R1 C1 T1 = C1R1 T2 = C1R2 R2 (b) LAG-LEAD FILTER R2 C1 R1 T1 = C1R1 T2 = C1R2 (c) ACTIVE FILTER A − VI VO VI VO VI C2 VO C2 Figure 17. LPF Examples for PLL the passive filter The transfer function for the low-pass filter shown in Figure 17(b) is; V O V IN + 1 ) s @ T2 1 ) s @ (T1 ) T2) where T1 + R1 @ C1 and T2 + R2 @ C1 (2) Using this filter makes the closed-loop PLL system a type 1 second-order system. The response curves of this system to a unit step are shown in Figure 18. the active filter When using the active filter shown in Figure 17(c), the phase detector inputs must be reversed since the filter adds an additional inversion. Therefore, the input reference frequency should be applied to the FIN-B terminal and the output of the VCO divider should be applied to the input reference terminal, FIN-A. The transfer function for the active filter shown in Figure 17(c) is: F(s) + 1 ) s @ R2 @ C1 s @ R1 @ C1 (3) Using this filter makes the closed-loop PLL system a type 2 second-order system. The response curves of this system to a unit step are shown in Figure 19. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |