Electronic Components Datasheet Search
  English  ▼

X  

TLC3702CPWR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3702CPWR
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3702CPWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC3702CPWR Datasheet HTML 16Page - Texas Instruments TLC3702CPWR Datasheet HTML 17Page - Texas Instruments TLC3702CPWR Datasheet HTML 18Page - Texas Instruments TLC3702CPWR Datasheet HTML 19Page - Texas Instruments TLC3702CPWR Datasheet HTML 20Page - Texas Instruments TLC3702CPWR Datasheet HTML 21Page - Texas Instruments TLC3702CPWR Datasheet HTML 22Page - Texas Instruments TLC3702CPWR Datasheet HTML 23Page - Texas Instruments TLC3702CPWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
TLC3702
DUAL MICROPOWER LinCMOS
™ VOLTAGE COMPARATORS
SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
−
+
22 kΩ
C1
0.01 μF
(see Note A)
1/2 TLC3702
R1
100 kΩ
(see Note B)
12 V
100 kΩ
1/2 TLC3702
2OUT
−
+
−
+
1/2 TLC3702
100 kΩ
100 kΩ
12 V
1OUT
12 V
R2
5 kΩ
(see Note C)
R3
100 kΩ
(see Note B)
2OUT
1OUT
12 V
NOTES: A. Adjust C1 for a change in oscillator frequency where:
1/f = 1.85(100 kΩ)C1
B. Adjust R1 and R3 to change duty cycle
C. Adjust R2 to change deadtime
Figure 27. Two-Phase Nonoverlapping Clock Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com