Electronic Components Datasheet Search
  English  ▼

X  

TLC3702CPWR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3702CPWR
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3702CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC3702CPWR Datasheet HTML 11Page - Texas Instruments TLC3702CPWR Datasheet HTML 12Page - Texas Instruments TLC3702CPWR Datasheet HTML 13Page - Texas Instruments TLC3702CPWR Datasheet HTML 14Page - Texas Instruments TLC3702CPWR Datasheet HTML 15Page - Texas Instruments TLC3702CPWR Datasheet HTML 16Page - Texas Instruments TLC3702CPWR Datasheet HTML 17Page - Texas Instruments TLC3702CPWR Datasheet HTML 18Page - Texas Instruments TLC3702CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
TLC3702
DUAL MICROPOWER LinCMOS
™ VOLTAGE COMPARATORS
SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 14
IOL − Low-Level Output Current − mA
0
2
4
6
8
1012 14 1618
20
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
3 V
4 V
10 V
VDD = 16 V
5 V
1.5
1.25
1
0.75
0.5
0.25
0
TA = 25°C
Figure 15
−75 −50
−25
0
25
50
75
100
125
TA − Free-Air Temperature − °C
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
400
350
300
250
200
150
100
50
0
VDD = 5 V
IOL = 4 mA
Figure 16
0
200
400
600
800
1000
CL − Load Capacitance − pF
OUTPUT TRANSITION TIME
vs
LOAD CAPACITANCE
250
225
200
175
150
125
100
75
50
25
0
VDD = 5 V
TA = 25°C
Rise Time
Fall Time
Figure 17
SUPPLY CURRENT RESPONSE
TO AN OUTPUT VOLTAGE TRANSITION
t − Time
10
5
0
5
0
VDD = 5 V
CL = 50 pF
f = 10 kHz
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com