Electronic Components Datasheet Search
  English  ▼

X  

MBR1090CT Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # MBR1090CT
Description  DUAL SCHOTTKY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBR1090CT Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  MBR1090CT Datasheet HTML 1Page - Diode Semiconductor Korea MBR1090CT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12.5
10
7.5
5.0
2.5
0
0
50
100
150
Resistive or inductive Load
0
20
40
60
80
100
0.01
0.1
1
10
0.001
40
TJ=125
TJ=75
TJ=25
MBR1080CT---MBR10100CT
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
11111v
CHARACTERISTIC PERLEG
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
CASE TEMPERATURE
PERCENT OF RATED PEAK REVERSE VOLTAGE,
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 -- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PERLEG
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0.6
0.65
0.7
0.75 0.8
0.85
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
TJ=25
Pulse Width=300uS
12
4
10
820
40 60 80 100
120
0
30
60
90
TJ=125℃
8.3ms Single Half
Sine-Wave
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com