Electronic Components Datasheet Search
  English  ▼

X  

MBR1090CT Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MBR1090CT
Description  DUAL SCHOTTKY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBR1090CT Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MBR1090CT Datasheet HTML 1Page - Diode Semiconductor Korea MBR1090CT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
3
2
10.2± 0.2
φ 3.8± 0.15
PIN
0.9± 0.1
2.5± 0.1
2.6± 0.2
0.5± 0.1
1.4± 0.2
4.5± 0.2
PIN 1
PIN 3
CASE
PIN 2
Positive CT
FEATURES
MECHANICAL DATA
Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unless otherwise specified.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard
total device
mrectified current @T
C = 105°C
per leg
IF(AV)
A
Peak forw ard surge current 8.3ms single half
b sine-w ave superimposed on rated load per leg
IFSM
A
Maximum forw ard
voltage per leg
(I F=5.0A,TC=125
)
(NOTE 1)
(IF=
5.0A,TC=25 )
Maximum reverse current
@T
J=25
at rated DC blocking voltage
@T
J=100
Maximum thermal resistance per leg
RθJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. 2.0
µs pulse width, f =1.0KHZ
3. Thermal resistance f rom junction to cas
e.
m A
1
0
1
20
56
63
70
MBR
1
0100CT
80
90
100
VOLTAGE RANGE: 80 - 100 V
CURRENT: 10 A
Metal silicon junction, m ajority carrier conduction.
Case:JEDEC TO-220AB,m olded plastic body
DUAL SCHOTTKY RECTIFIERS
High current capacity, low forward voltage drop.
NOTE: 1. Pulse test:300μs pulse width,1% duty cy cle.
-
55 ---- + 150
-
55 ---- + 150
Term inals:Solderable per MIL-STD-750,
1 1
Method 2026
IR
VF
0.1
4.4
TO-220AB
MBR1080CT---MBR10100CT
MBR
MBR
1080CT
1090CT
Guard ring for over voltage protection.
High surge capacity.
For use in low voltage, high frequency inverters, free
111wheeling, and polarity protection applications.
Polarity: As m arked
Weight: 0.071 ounce, 2.006 gram s
6.0
V
0.75
0.85
Dimensions in millimeters
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
80
90
100
5.0
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MBR1090CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1090CT DIODES-MBR1090CT Datasheet
64Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
MBR1090CT DIODES-MBR1090CT Datasheet
73Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
MBR1090CT TSC-MBR1090CT Datasheet
169Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
Sirectifier Semiconduct...
MBR1090CT SIRECTIFIER-MBR1090CT Datasheet
102Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR1090CT VISHAY-MBR1090CT Datasheet
138Kb / 4P
Dual Common-Cathode High-Voltage Schottky Rectifier
07-May-08
More results

Similar Description - MBR1090CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SR1620CT BILIN-SR1620CT Datasheet
93Kb / 2P
DUAL SCHOTTKY RECTIFIERS
SR2020CT BILIN-SR2020CT Datasheet
90Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRF2070CT BILIN-MBRF2070CT Datasheet
157Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRB1635CT BILIN-MBRB1635CT Datasheet
136Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRF1635CT BILIN-MBRF1635CT Datasheet
137Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
MBRF2070CT SEMTECH_ELEC-MBRF2070CT Datasheet
197Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR2020CT LUGUANG-SR2020CT Datasheet
200Kb / 2P
Dual Schottky Rectifiers
logo
Diode Semiconductor Kor...
MBR1635PT DSK-MBR1635PT Datasheet
209Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBR1680PT DSK-MBR1680PT Datasheet
234Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRB1635CT DSK-MBRB1635CT Datasheet
205Kb / 2P
DUAL SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com