Electronic Components Datasheet Search
  English  ▼

X  

DS3662 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3662
Description  Quad High Speed Trapezoidal??Bus Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3662 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS3662 Datasheet HTML 1Page - National Semiconductor (TI) DS3662 Datasheet HTML 2Page - National Semiconductor (TI) DS3662 Datasheet HTML 3Page - National Semiconductor (TI) DS3662 Datasheet HTML 4Page - National Semiconductor (TI) DS3662 Datasheet HTML 5Page - National Semiconductor (TI) DS3662 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics (Notes 3, 4) (Continued)
Note 5: Only one output at a time should be shorted.
AC Test Circuits and Switching Waveforms
DS005803-2
DS005803-3
Note: t
r = tf = 2.5 ns. Pulse width = 500 ns measured between 1.5V levels. f = 1 MHz.
FIGURE 1. Disable Delays
DS005803-4
DS005803-5
Note: t
r = tf = 2.5 ns. Pulse width = 500 ns measured between 1.5V levels. f = 1 MHz.
FIGURE 2. Driver Propagation Delays
DS005803-6
DS005803-7
Note: t
r = tf = 15 ns. Pulse width = 500 ns measured between 1.7V levels. f = 1 MHz.
FIGURE 3. Receiver Propagation Delays
www.national.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com