Electronic Components Datasheet Search
  English  ▼

X  

DS3662 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3662
Description  Quad High Speed Trapezoidal??Bus Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3662 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS3662 Datasheet HTML 1Page - National Semiconductor (TI) DS3662 Datasheet HTML 2Page - National Semiconductor (TI) DS3662 Datasheet HTML 3Page - National Semiconductor (TI) DS3662 Datasheet HTML 4Page - National Semiconductor (TI) DS3662 Datasheet HTML 5Page - National Semiconductor (TI) DS3662 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Test Circuits and Switching Waveforms (Continued)
Typical Application
DS005803-8
DS005803-9
tr = tf = 2.5 ns
(a) Receiver Output (V
O) to Remain Greater than 2.2V
DS005803-10
tr = tf = 2.5 ns
(b) Receiver Output (V
O) to Remain Less than 0.7V
FIGURE 4. Receiver Noise Immunity: “No Response at Output” Input Waveforms
DS005803-11
www.national.com
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com