Electronic Components Datasheet Search
  English  ▼

X  

SF86 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SF86
Description  ULTRA FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SF86 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SF86 Datasheet HTML 1Page - Diode Semiconductor Korea SF86 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, ( V )
SF81- - - SF86
CASE TEMPERATURE,
NUMBER OF CYCLES AT 60HZ
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 -- PEAK FORWARD SURGE CURRENT
100
1.0
50
125
75
0
25
5.0
10
50
100
TJ=TJMAX
8.3ms Single Half
Sine-Wave
Pulse width=300
s
1% Duty Cycle
TJ=25℃
0.1
1.0
10
50
0.6
0.8
0.9
1.0
1.1
1.3
1.2
1.4
1.5
S
F81- SF84
S
F85 - SF86
0
2
4
6
0
50
100
175
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
8
12
10
25
75
125
150
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20 40
100
SF81~SF84
SF85~SF86
TJ = 25
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com