Electronic Components Datasheet Search
  English  ▼

X  

LP3950 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3950 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3950 Datasheet HTML 8Page - Texas Instruments LP3950 Datasheet HTML 9Page - Texas Instruments LP3950 Datasheet HTML 10Page - Texas Instruments LP3950 Datasheet HTML 11Page - Texas Instruments LP3950 Datasheet HTML 12Page - Texas Instruments LP3950 Datasheet HTML 13Page - Texas Instruments LP3950 Datasheet HTML 14Page - Texas Instruments LP3950 Datasheet HTML 15Page - Texas Instruments LP3950 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
1
8
2
3
7
6
5
8
10
4
9
1
7
SDA
SCL
ack from slave
start
msb Chip Address lsb
SCL
ack from slave
w
msb Register Add lsb
rs
r
msb
DATA
lsb
stop
ack from slave
ack from master
repeated start
data from slave
SDA
start
Id = 36h
w ack
addr = K¶00
ack
rs
r ack
$GGUHVV K¶00 data
ack stop
msb Chip Address lsb
Id = 36h
LP3950
SNVS331C – NOVEMBER 2004 – REVISED APRIL 2013
www.ti.com
When a READ function is to be accomplished, a WRITE function must precede the READ function, as shown in
Figure 10 .
Figure 10. I2C Read Cycle
Figure 11. I2C Timing Diagram
Table 2. I2C Timing Parameters(1)
Symbol
Parameter
Limit
Units
Min
Max
1
Hold Time (repeated) START Condition
0.6
µs
2
Clock Low Time (1.65V
≤ VDDIO < 1.80V)
3.2
µs
2
Clock Low Time (1.80V
≤ VDDIO ≤ VDD1,2V)
1.3
µs
3
Clock High Time (1.65V
≤ VDDIO < 1.80V)
1200
ns
3
Clock High Time (1.80V
≤ VDDIO ≤ VDD1,2V)
600
ns
4
Setup Time for a Repeated START Condition
600
ns
5
Data Hold Time (data output, delay generated by LP3950)
300
900
ns
5
Data Hold Time (data input)
0
900
ns
6
Data Setup Time
100
ns
7
Rise Time of SDA and SCL
20+0.1Cb
300
ns
8
Fall Time of SDA and SCL
15+0.1Cb
300
ns
9
Set-up Time for STOP condition
600
ns
10
Bus Free Time between a STOP and a START Condition
1.3
µs
Cb
Capacitive Load Parameter for Each Bus Line.
10
200
ns
Load of One Picofarad Corresponds to One Nanosecond.
(1)
Data guaranteed by design
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com