Electronic Components Datasheet Search
  English  ▼

X  

LP3950 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3950 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3950 Datasheet HTML 10Page - Texas Instruments LP3950 Datasheet HTML 11Page - Texas Instruments LP3950 Datasheet HTML 12Page - Texas Instruments LP3950 Datasheet HTML 13Page - Texas Instruments LP3950 Datasheet HTML 14Page - Texas Instruments LP3950 Datasheet HTML 15Page - Texas Instruments LP3950 Datasheet HTML 16Page - Texas Instruments LP3950 Datasheet HTML 17Page - Texas Instruments LP3950 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
LP3950
SNVS331C – NOVEMBER 2004 – REVISED APRIL 2013
www.ti.com
Magnetic Boost DC/DC Converter Electrical Characteristics
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ILOAD
Load Current
3.0V
≤ VIN ≤ 4.5V
0
300
mA
VOUT = 5.0V
VOUT
Output Voltage Accuracy
1.0 mA
≤ ILOAD ≤ 300 mA
(FB Pin)
3.0V
≤ VIN ≤ 4.5V
−5
+5
%
VOUT = 5.0V (target value), autoload OFF
Output Voltage
1.0 mA
≤ ILOAD ≤ 300 mA
(FB Pin)
3.0V < VIN < 5.0V + V(SCHOTTKY),
5.0
V
autoload OFF
1.0 mA
≤ ILOAD ≤ 300 mA
VIN–V(SCHOTTKY)
V
VIN > 5V + V(SCHOTTKY)
RDSON
Switch ON Resistance
VDD1,2 = 2.8V, ISW = 0.5A
0.4
0.7
Ω
fPWF
PWM Mode Switching
RT = 82 k
Ω
2.0
MHz
Frequency
freq_sel[2:0] = 1XX
Frequency Accuracy
2.7
≤ VDD1,2 ≤ 2.9
−6
±3
+6
%
RT = 82 k
Ω
−9
+9
tPULSE
Switch Pulse Minimum
No Load
25
ns
Width
tSTARTUP
Startup Time
15
ms
ICL_OUT
SW Pin Current Limit
700
800
900
mA
500
1000
(1)
Limits in standard typeface are for TJ = +25°C. Limits in boldface type apply over the operating ambient temperature range (−40°C ≤ TA
≤ +85°C). Unless otherwise noted, specifications apply to Figure 2 with: VDD1 = VDD2 = VDDA = 2.8V, CVDD1 = CVDD2 = CVDDA = CVDDIO =
100 nF, COUT = CIN = 10 µF, CVREF = 100 nF, L1 = 4.7 µH and fBOOST = 2.0 MHz.
(2)
Low-ESR Surface-Mount Ceramic Capacitors are used in setting electrical characteristics.
Boost Standby Mode
User can set the boost converter to STANDBY mode by writing the register bit EN_BOOST low when there is no
load to avoid idle current consumption. When EN_BOOST is written high, the converter starts in PFM (Pulse
Frequency Modulation) mode for 10 ms and then goes to PWM (Pulse Width Modulation ) mode. All RGB
outputs are off during the 10 ms delay.
Boost Output Voltage Control
User can control the boost output voltage by eight-bit boost output voltage register according to the following
table.
BOOST[7:0]
BOOST Output Voltage
Register 0D'h
(typical)
Binary
Hex
0000 0000
00
4.10
0000 0001
01
4.25
0000 0011
03
4.40
0000 0111
07
4.55
0000 1111
0F
4.70
0001 1111
1F
4.85
0011 1111
3F
5.00 Default
0111 1111
7F
5.15
1111 1111
FF
5.30
14
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com