Electronic Components Datasheet Search
  English  ▼

X  

LP3954 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP3954
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP3954 Datasheet HTML 17Page - Texas Instruments LP3954 Datasheet HTML 18Page - Texas Instruments LP3954 Datasheet HTML 19Page - Texas Instruments LP3954 Datasheet HTML 20Page - Texas Instruments LP3954 Datasheet HTML 21Page - Texas Instruments LP3954 Datasheet HTML 22Page - Texas Instruments LP3954 Datasheet HTML 23Page - Texas Instruments LP3954 Datasheet HTML 24Page - Texas Instruments LP3954 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
AUDIO SYNC ELECTRICAL PARAMETERS
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ZIN
Input Impedance of ASE
250
500
kOhm
AIN
Audio Input Level Range (peak-to-peak)
Gain = 21dB
0.1
V
Gain = 0 dB
VDDA - 0.1
f3dB
Crossover Frequencies (-3 dB)
Narrow Frequency Response
Low Pass
0.5
Band Pass
1.0 and
1.5
High Pass
2.0
kHz
Wide Frequency Response
Low Pass
1.0
Band Pass
2.0 and
3.0
High Pass
4.0
CONTROL OF AUDIO SYNCHRONIZATION
The following table describes the controls required for audio synchronization.
Audio_sync_CTRL1 (2AH)
Input signal gain control. Range 0...21 dB, step 3 dB:
[000] = 0 dB (default)
[011] = 9 dB
[110] = 18 dB
GAIN_SEL[2:0]
Bits 7-5
[001] = 3 dB
[100] = 12 dB
[111] = 21 dB
[010] = 6 dB
[101] = 15 dB
Synchronization mode selector.
SYNC_MODE
Bit 4
SYNCMODE = 0
→ Amplitude Mode (default)
SYNCMODE = 1
→ Frequency Mode
Automatic Gain Control enable
EN_AGC
Bit 3
1 = enabled
0 = disabled (Gain Select enabled) (default)
Audio synchronization enable
1 = Enabled
EN_SYNC
Bit 2
Note : If AGC is enabled, AGC gain starts from current GAIN_SEL gain value.
0 = Disabled (default)
[00] = Single ended input signal, ASE.
[01] = Temperature measurement
INPUT_SEL[1:0]
Bits 1-0
[10] = Ambient light measurement
[11] = No input (default)
Audio_sync_CTRL2 (2BH)
0 – average disabled (not applicable in audio synchronization mode)
EN_AVG
Bit 4
1 – average enabled (not applicable in audio synchronization mode)
MODE_CTRL[1:0]
Bits 3-2
See below: Mode control
Sets the LEDs light response time to audio input.
[00] = FASTEST (default)
[01] = FAST
SPEED_CTRL[1:0]
Bits 1-0
[10] = MEDIUM
[11] = SLOW
(For SLOW setting in amplitude mode fMAX=3.8Hz,
Frequency mode fMAX=7.6Hz)
MODE CONTROL IN FREQUENCY MODE
Mode control has two setups based on audio synchronization mode select: the frequency mode and the
amplitude mode. During the frequency mode user can select two filter options by MODE_CTRL as shown
below. User can select the filters based on the music type and light effect requirements. In the first mode the
frequency range extends to 8 kHz in the secont to 4 kHz.
The lowpass filter is used for the red, the bandpass filter for the blue and the hipass filter for the green LED.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com