Electronic Components Datasheet Search
  English  ▼

X  

LP3954 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # LP3954
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954 Datasheet(HTML) 51 Page - Texas Instruments

Back Button LP3954 Datasheet HTML 47Page - Texas Instruments LP3954 Datasheet HTML 48Page - Texas Instruments LP3954 Datasheet HTML 49Page - Texas Instruments LP3954 Datasheet HTML 50Page - Texas Instruments LP3954 Datasheet HTML 51Page - Texas Instruments LP3954 Datasheet HTML 52Page - Texas Instruments LP3954 Datasheet HTML 53Page - Texas Instruments LP3954 Datasheet HTML 54Page - Texas Instruments LP3954 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
Green color intensity
g[2:0]
current, %
log=0
log=1
000
0×IMAX
0×IMAX
001
7%×IMAX
1%×IMAX
010
14%×IMAX
2%×IMAX
Bits
g[2:0]
4-2A
011
21%×IMAX
4%×IMAX
100
32%×IMAX
10%×IMAX
101
46%×IMAX
21%×IMAX
110
71%×IMAX
46%×IMAX
111
100%×IMAX
100%×IMAX
* log bit is in pattern_gen_ctrl register
Command execution time
cet[3:0]
CET duration, ms
0000
197
0001
393
0010
590
0011
786
0100
983
0101
1180
Bits
0110
1376
cet[3:0]
1-0A
0111
1573
7-6B
1000
1769
1001
1966
1010
2163
1011
2359
1100
2556
1101
2753
1110
2949
1111
3146
Blue color intensity
b[2:0]
current, %
log=0
log=1
000
0×IMAX
0×IMAX
001
7%×IMAX
1%×IMAX
010
14%×IMAX
2%×IMAX
Bits
b[2:0]
5-3B
011
21%×IMAX
4%×IMAX
100
32%×IMAX
10%×IMAX
101
46%×IMAX
21%×IMAX
110
71%×IMAX
46%×IMAX
111
100%×IMAX
100%×IMAX
* log bit is in pattern_gen_ctrl register
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com