Electronic Components Datasheet Search
  English  ▼

X  

LP3986 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3986
Description  Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3986 Datasheet(HTML) 5 Page - Texas Instruments

  LP3986 Datasheet HTML 1Page - Texas Instruments LP3986 Datasheet HTML 2Page - Texas Instruments LP3986 Datasheet HTML 3Page - Texas Instruments LP3986 Datasheet HTML 4Page - Texas Instruments LP3986 Datasheet HTML 5Page - Texas Instruments LP3986 Datasheet HTML 6Page - Texas Instruments LP3986 Datasheet HTML 7Page - Texas Instruments LP3986 Datasheet HTML 8Page - Texas Instruments LP3986 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LP3986
www.ti.com
SNVS142U – AUGUST 2001 – REVISED FEBRUARY 2013
Electrical Characteristics (continued)
Unless otherwise specified: VIN = VOUT(nom) + 0.5V, CIN = 1 µF, IOUT = 1mA, COUT = 1 µF, CBYPASS = 0.01µF. Typical values and
limits appearing in standard typeface are for TJ = 25°C. Limits appearing in boldface type apply over the entire junction
temperature range for operation,
−40°C to +125°C.
(1) (2)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
IOUT(PK)
Peak Output Current(6)
VOUT ≥ VOUT(nom) - 5%
500
300
mA
TON
Turn-On Time(7)
CBYPASS = 0.01 µF
200
µs
en
Output Noise Voltage
BW = 10 Hz to 100 kHz,
40
µVrms
COUT = 1µF
ρn(1/f)
Output Noise Density
f = 120 Hz,
1
µV/
√Hz
COUT = 1µF
IEN
Maximum Input Current at EN
VEN = 0.4 and VIN = 6V
±10
nA
VIL
Maximum Low Level Input
VIN = 2.7 to 6V
0.4
V
Voltage at EN
VIH
Minimum High Level Input
VIN = 2.7 to 6V
1.4
V
Voltage at EN
ΔILoad1 = 150 mA at 1KHz rate
ΔILoad2 = 1 mA
ΔVOUT2/ΔVOUT1
−60
Xtalk
Crosstalk Rejection
dB
ΔILoad2 = 150 mA at 1KHz rate
ΔILoad1 = 1 mA
ΔVOUT2/ΔVOUT1
−60
All VOUT > = 2.5V,
1
µF
CIN
Input capacitance(8)
If VOUT = 1.8V,
4.7
µF
VIN_MIN>= 2.9V
COUT
Capacitance(8)
All VOUT > = 2.5V,
1
22
µF
If VOUT = 1.8V,
2.2
22
µF
VIN_MIN>= 2.9V
ESR
See (9)
5
500
m
Ω
(6)
IPEAK guaranteed for Vout 's of 2.5V and greater.
(7)
Turn-on time is that between the enable input just exceeding VIH and the output voltage just reaching 95% of its nominal value.
(8)
Range of capacitor values for which the device will remain stable. This electrical specification is guaranteed by design.
(9)
Range of capacitor ESR values for which the device will remain stable. This electrical specification is guaranteed by design.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com