Electronic Components Datasheet Search
  English  ▼

X  

LP3986 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3986
Description  Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3986 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3986 Datasheet HTML 6Page - Texas Instruments LP3986 Datasheet HTML 7Page - Texas Instruments LP3986 Datasheet HTML 8Page - Texas Instruments LP3986 Datasheet HTML 9Page - Texas Instruments LP3986 Datasheet HTML 10Page - Texas Instruments LP3986 Datasheet HTML 11Page - Texas Instruments LP3986 Datasheet HTML 12Page - Texas Instruments LP3986 Datasheet HTML 13Page - Texas Instruments LP3986 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LP3986
SNVS142U – AUGUST 2001 – REVISED FEBRUARY 2013
www.ti.com
APPLICATION HINTS
EXTERNAL CAPACITORS
Like any low-dropout regulator, the LP3986 requires external capacitors for regulator stability. The LP3986 is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
INPUT CAPACITOR
An input capacitance of
≊ 1µF is required between the LP3986 input pin and ground (the amount of the
capacitance may be increased without limit).
This capacitor must be located a distance of not more than 1cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
Important: Tantalum capacitors can suffer catastrophic failures due to surge current when connected to a low-
impedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is used at the input,
it must be guaranteed by the manufacturer to have a surge current rating sufficient for the application.
There are no requirements for the ESR on the input capacitor, but tolerance and temperature coefficient must be
considered when selecting the capacitor to ensure the capacitance will be
≊ 1µF over the entire operating
temperature range.
OUTPUT CAPACITOR
The LP3986 is designed specifically to work with very small ceramic output capacitors, any ceramic capacitor
(temperature characteristics X7R, X5R, Z5U or Y5V) in 1 to 22 µF range with 5m
Ω to 500mΩ ESR range is
suitable in the LP3986 application circuit.
It may also be possible to use tantalum or film capacitors at the output, but these are not as attractive for
reasons of size and cost (see next section Capacitor Characteristics).
The output capacitor must meet the requirement for minimum amount of capacitance and also have an ESR
(Equivalent Series Resistance) value which is within a stable range.
NO-LOAD STABILITY
The LP3986 will remain stable and in regulation with no-load (other than the internal voltage divider). This is
specially important in CMOS RAM keep-alive applications.
CAPACITOR CHARACTERISTICS
The LP3986 is designed to work with ceramic capacitors on the output to take advantage of the benefits they
offer: for capacitance values in the range of 1µF to 4.7µF range, ceramic capacitors are the smallest, least
expensive and have the lowest ESR values (which makes them best for eliminating high frequency noise). The
ESR of a typical 1µF ceramic capacitor is in the range of 20 m
Ω to 40 mΩ, which easily meets the ESR
requirement for stability by the LP3986.
The ceramic capacitor's capacitance can vary with temperature. The capacitor type X7R, which operates over a
temperature range of -55°C to +125°C, will only vary the capacitance to within ±15%. Most large value ceramic
capacitors (
≊ 2.2µF) are manufactured with Z5U or Y5V temperature characteristics. Their capacitance can drop
by more than 50% as the temperature goes from 25°C to 85°C. Therefore, X7R is recommended over Z5U and
Y5 in applications where the ambient temperature will change significantly above or below 25°C.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 1µF to 4.7µF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly ) than a ceramic
capacitor with the same ESR value. It should also be noted that the ESR of a typical tantalum will increase about
2:1 as the temperature goes from 25°C down to
−40°C, so some guard band must be allowed.
10
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP3986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com