Electronic Components Datasheet Search
  English  ▼

X  

LP3991 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3991
Description  300-mA LDO for Digital Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3991 Datasheet(HTML) 1 Page - Texas Instruments

  LP3991 Datasheet HTML 1Page - Texas Instruments LP3991 Datasheet HTML 2Page - Texas Instruments LP3991 Datasheet HTML 3Page - Texas Instruments LP3991 Datasheet HTML 4Page - Texas Instruments LP3991 Datasheet HTML 5Page - Texas Instruments LP3991 Datasheet HTML 6Page - Texas Instruments LP3991 Datasheet HTML 7Page - Texas Instruments LP3991 Datasheet HTML 8Page - Texas Instruments LP3991 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LP3991
OUT
IN
1 PF
EN
GND
VIN
Load
VEN
B2
A2
A1
B1
COUT*
CIN
* For VOUT = 1.3 V or less,
COUT may be reduced to 2.2 PF.
4.7 PF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP3991
SNVS296J – DECEMBER 2006 – REVISED JUNE 2016
LP3991 300-mA LDO for Digital Applications
1
1 Features
1
•
Input Voltage From 1.65 V to 4 V
•
Output Voltage From 0.8 V to 3 V
•
1% Accuracy at Room Temperature
•
125-mV Dropout at 300-mA Load
•
50-µA Quiescent Current at 1-mA Load
•
Inrush Current Controlled to 600 mA
•
PSRR 65 dB at 1 kHz
•
100-µs Start-Up Time for 1.5-V VOUT
•
Stable With Ceramic Capacitors as Small as 0402
•
Thermal-Overload and Short-Circuit Protection
2 Applications
•
Post DC-DC Regulator
•
Battery Operated Devices
•
Hand-Held Information Appliances
3 Description
Operating from a minimum input voltage of 1.65 V,
the LP3991 LDO has been designed to provide fixed
stable output voltages for load currents up to 300 mA.
This device is suitable where accurate low voltages
are required from low input voltage sources and is
therefore suitable for post regulation of switched
mode regulators. In such applications, significant
improvements in performance and EMI can be
realized, with little reduction in overall efficiency. The
LP3991 provides fixed outputs as low as 1.2 V from a
wide input range from 1.65 V to 4 V Using the enable
(EN) pin, the device may be controlled to provide a
shutdown state, in which negligible supply current is
drawn.
The LP3991 is designed to be stable with space-
saving ceramic capacitors as small as 0402 case
size.
Performance is specified for a –40°C to +125°C
junction
temperature
range.
For
output
voltage
options, contact your local Texas Instruments sales
office.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP3991
DSBGA (4)
1.43 mm × 0.96 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
space
space
space
Typical Application Circuit


Similar Part No. - LP3991

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
300mA Linear Voltage Regulator for Digital Applications
December 13, 2007
logo
Texas Instruments
LP3991 TI1-LP3991 Datasheet
1Mb / 20P
300mA Linear Voltage Regulator for Digital Applications
LP3991 TI2-LP3991 Datasheet
676Kb / 24P
LP3991 300-mA LDO for Digital Applications
REVISED JUNE 2016
logo
Intersil Corporation
LP3991TL-0.8 INTERSIL-LP3991TL-0.8 Datasheet
325Kb / 12P
300mA Linear Voltage Regulator for Digital Applications
December 13, 2007
LP3991TL-1.2 INTERSIL-LP3991TL-1.2 Datasheet
325Kb / 12P
300mA Linear Voltage Regulator for Digital Applications
December 13, 2007
More results

Similar Description - LP3991

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Texas Instruments
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
Rohm
BUXXJA3DG-C ROHM-BUXXJA3DG-C Datasheet
7Mb / 96P
For Automotive 300 mA CMOS LDO Regulators
27.Jun.2022 Rev.002
logo
Nisshinbo Micro Devices...
R1130H NISSHINBO-R1130H Datasheet
1Mb / 26P
300 mA LDO Regulator for Automotive Applications
R1180X-Y NISSHINBO-R1180X-Y Datasheet
601Kb / 26P
150 mA LDO Regulator for Industrial Applications
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
300 mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com