Electronic Components Datasheet Search
  English  ▼

X  

LP3991 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3991
Description  300-mA LDO for Digital Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3991 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3991 Datasheet HTML 7Page - Texas Instruments LP3991 Datasheet HTML 8Page - Texas Instruments LP3991 Datasheet HTML 9Page - Texas Instruments LP3991 Datasheet HTML 10Page - Texas Instruments LP3991 Datasheet HTML 11Page - Texas Instruments LP3991 Datasheet HTML 12Page - Texas Instruments LP3991 Datasheet HTML 13Page - Texas Instruments LP3991 Datasheet HTML 14Page - Texas Instruments LP3991 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LP3991
OUT
IN
1 PF
EN
GND
VIN
Load
VEN
B2
A2
A1
B1
COUT*
CIN
* For VOUT = 1.3 V or less,
COUT may be reduced to 2.2 PF.
4.7 PF
11
LP3991
www.ti.com
SNVS296J – DECEMBER 2006 – REVISED JUNE 2016
Product Folder Links: LP3991
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP3991 can provide 300-mA output current with 1.65-V to 4-V input. It is stable with a 2.2-
μF or 4.7-µF
ceramic output capacitor. An optional external bypass capacitor reduces the output noise without slowing down
the load transient response. Typical output noise is 280
μVRMS at frequencies from 10 Hz to 100 kHz. Typical
power supply rejection is 65 dB at 1 kHz.
8.2 Typical Application
Figure 12. LP3991 Typical Application
8.2.1 Design Requirements
For typical linear voltage regulator applications, use the parameters listed in Table 2.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
1.65 V to 4 V
Output voltage
1.2 V to 2.8 V
Output current
300 mA (maximum)
RMS noise, 10 Hz to100 kHz
280
μVRMS
PSRR at 1 kHz
65 dB
8.2.2 Detailed Design Procedure
8.2.2.1 External Capacitors
In common with most regulators, the LP3991 requires external capacitors for regulator stability. The LP3991 is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com