Electronic Components Datasheet Search
  English  ▼

X  

SC9257 Datasheet(PDF) 13 Page - Silan Microelectronics Joint-stock

Part # SC9257
Description  PLL FOR DTS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9257 Datasheet(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC9257 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 17Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Silan
Semiconductors
SC9257
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2001.10.18
13
2.
Prescaler and programmable counter circuit configuration
(1) Pulse swallow mode circuit configuration
1/2
2 modulus
prescaler
4bit swallow counter
12bit programmable counter
FM,MODE
Preset
To phase
comparator
PSC
P4-P15
P0-P3
FM
L
FM
H
Prescaler section
FMIN
AMIN
HF
Fig.3
This circuit consists of a 2 modulus prescaler, a 4 bit swallow counter and a 12bit programmable counter.
During FM
IN(FMIN mode),a 1/2 prescaler is added to the preceding step.
(2) Direct dividing method circuit configuration
AM
IN
12bit program counter
Amp
P4-P15
To phase comparator
Preset
Fig.4
With the direct dividing mode, the prescaler section is bypassed and the 12bit programmable counter is used.
(3) Both FM
IN and AMIN have built-in amps. Data are input by capacitor coupling. FMIN and AMIN operate at
low amplitude.
General-purpose counter
The general-purpose counter is a 20bit counter. It has such uses as counting AM/FM band intermediate
frequencies (IF) and detecting auto-stop signals during auto-search tuning. It also features a cycle measurement
function for such uses as measuring low-frequency pilot signal cycles.
1. General-purpose counter control bits
(1) Bits G0 and G1 … Used for selecting the general-purpose counter gate time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com