Electronic Components Datasheet Search
  English  ▼

X  

HV7331 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV7331
Description  Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7331 Datasheet(HTML) 7 Page - Supertex, Inc

  HV7331 Datasheet HTML 1Page - Supertex, Inc HV7331 Datasheet HTML 2Page - Supertex, Inc HV7331 Datasheet HTML 3Page - Supertex, Inc HV7331 Datasheet HTML 4Page - Supertex, Inc HV7331 Datasheet HTML 5Page - Supertex, Inc HV7331 Datasheet HTML 6Page - Supertex, Inc HV7331 Datasheet HTML 7Page - Supertex, Inc HV7331 Datasheet HTML 8Page - Supertex, Inc HV7331 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
HV7331
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7331
B011513
Pin Description
Pin
Name
Description
1
EN
Chip power enable Hi = ON, Low = OFF
2
CW/RTZ
B-Scan or CWD mode control pin, see Control Logic Table
3
NIN1
Input logic control signal for channel 1
4
PIN1
Input logic control signal for channel 1
5
NIN2
Input logic control signal for channel 2
6
PIN2
Input logic control signal for channel 2
7
AGND
Digital logic circuit ground (0V)
8
NIN3
Input logic control signal for channel 3
9
PIN3
Input logic control signal for channel 3
10
NIN4
Input logic control signal for channel 4
11
PIN4
Input logic control signal for channel 4
12
VDD
Positive voltage power supply (+5.0V)
13
LR
Built-in linear regulators power turned on (enabled) when LR = 1 and EN = 1
Built-in linear regulators power turned off (disabled) when EN = 0 or LR = 0
14
VDD
Positive voltage power supply (+5.0V)
15
VDD
16
VLL
Logic “1” voltage reference input (+2.5 to +5V)
17
AGND
Digital logic circuit ground (0V)
18
VDD
Positive voltage power supply (+5.0V)
19
DGND
Driver and level translator circuit ground return (0V)
20
VSS
Negative voltage power supply (-5.0V)
21
CPF
VPP to VPF decoupling capacitor (low voltage, 0.22 to 0.47μF 10V) See Note 1
22
VPP
Positive high voltage power supply (+5.0 to +70V)
23
VPP
24
CGP
CGP to RGP decoupling capacitor (low voltage, 0.47μF 10V)
25
RGP
Common return ground or positive CW power supply. When CW/RTZ = 0 (in B-Mode) must
be 0 ≤ V
RGP ≤ +0.5V. When CW/RTZ = 1 (in CW-Mode) must be 0 ≤ VRGP ≤ +5.5V.
26
RGP
27
CGN
CGN to RGN decoupling capacitor (low voltage, 0.47μF 10V)
28
RGN
Common return ground or positive CW power supply. When CW/RTZ = 0 (in B-Mode) must
be 0 ≥ V
RGN ≥ -0.5V. When CW/RTZ = 1 (in CW-Mode) must be 0 ≥ VRGN ≥ -5.5V.
29
RGN
30
CNF
VNF to VNN decoupling capacitor (low voltage, 0.22 to 0.47μF 10V) See Note 1
31
VNN
Negative high voltage power supply (-5.0 to -70V)
32
VNN
33
TX4
Transmit pulser output for channel 4
34
TX4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com