Electronic Components Datasheet Search
  English  ▼

X  

HV7331 Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV7331
Description  Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7331 Datasheet(HTML) 8 Page - Supertex, Inc

  HV7331 Datasheet HTML 1Page - Supertex, Inc HV7331 Datasheet HTML 2Page - Supertex, Inc HV7331 Datasheet HTML 3Page - Supertex, Inc HV7331 Datasheet HTML 4Page - Supertex, Inc HV7331 Datasheet HTML 5Page - Supertex, Inc HV7331 Datasheet HTML 6Page - Supertex, Inc HV7331 Datasheet HTML 7Page - Supertex, Inc HV7331 Datasheet HTML 8Page - Supertex, Inc HV7331 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
HV7331
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7331
B011513
Pin Description (cont.)
Pin
Name
Description
35
RGND
Bleeding resistor common return ground
36
RGND
37
TX3
Transmit pulser output for channel 3
38
TX3
39
RGND
Bleeding resistor common return ground
40
RGND
41
RGND
42
RGND
43
TX2
Transmit pulser output for channel 2
44
TX2
45
RGND
Bleeding resistor common return ground
46
RGND
47
TX1
Transmit pulser output for channel 1
48
TX1
49
VNN
Negative high voltage power supply (-5.0 to -70V)
50
VNN
51
CNF
VNF to VNN decoupling capacitor (low voltage, 0.22 to 0.47μF 10V) See Note 1
52
RGN
Common return ground or negative CW power supply. (0V or -1.0 to -5.5V)
53
RGN
54
CGN
CGN to RGN decoupling capacitor (low voltage, 2.2μF 10V)
55
RGP
Common return ground or positive CW power supply.(0V or +1.0 to +5.5V)
56
RGP
57
CGP
CGP to RGP decoupling capacitor (low voltage, 2.2μF 10V)
58
VPP
Positive high voltage power supply (+5 to +70V)
59
VPP
60
CPF
CGP to RGP decoupling capacitor (low voltage, 0.22 to 0.47μF 10V) See Note 1
61
VSS
Negative voltage power supply (-5.0V)
62
DGND
Driver and level translator circuit ground return (0V)
63
VDD
Positive voltage power supply (+5.0V)
64
AGND
Digital logic circuit ground (0V)
(Thermal Pad) VSUB
Substrate connect to ground (0V)
Note 1:
To minimize the rush-in current, nominal capacitor values for the CPF to VPP pins and the CNF to VNN pins should not exceed 0.47μF.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com